Electronic Components Datasheet Search
  English  ▼

X  

P26 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # P26
Description  P cores and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P26 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  P26 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2008 Sep 01
996
Ferroxcube
P cores and accessories
P26/16
COIL FORMERS
General data for CP-P26/16 coil former
Winding data and area product for CP-P26/16 coil former
PARAMETER
SPECIFICATION
Coil former material
polybutyleneterephtalate (PBT), glass reinforced, flame retardant in
accordance with “UL 94V-0” ; UL file number E45329 (R)
Maximum operating temperature
155
°C, “IEC 60085”, class F
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
37.1
9.3
52.6
3480
CP-P26/16-1S
22
× 17.5
2
× 4.35
52.6
2 x 1640
CP-P26/16-2S
33
× 11
3
× 2.7
52.6
3 x 1030
CP-P26/16-3S
handbook, full pagewidth
MBE211
12.8
0
0.15
2.7
11.7
0.15
0
20.9
0
0.2
0.6
0.5
0.5
0.4
10.8
0
0.15
Fig.3 Coil former CP-P26/16.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com