Electronic Components Datasheet Search
  English  ▼

X  

P26 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # P26
Description  P cores and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P26 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  P26 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2008 Sep 01
997
Ferroxcube
P cores and accessories
P26/16
General data 6-pins P26/16 coil former for PCB mounting
Winding data and area product for 6-pins P26/16 coil former for PCB mounting
Note
1.
In accordance with “UL 94-HB” .
PARAMETER
SPECIFICATION
Coil former material
polyamide (PA6.6), glass reinforced, flame retardant in accordance with
“UL 94V-0” ; UL file number E41938(M)
Maximum operating temperature
130
°C, “IEC 60085”, class B
Pin material
copper-zinc alloy (CuZn), tin (Sn) plated
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20” , Part 2, Test Ta, method 1, 235
°C, 2 s
NUMBER
OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
MINIMUM
LENGTH OF
PINS
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
36.7
9.7
52.7
4.4
3450
CPV-P26/16-1S-6PD
1
36.7
9.7
52.7
6.8
3450
CPV-P26/16-1S-6PDL
22
× 16.6
2
× 4.5
52.7
4.4
2 x 1560
CPV-P26/16-2S-6PD
22
× 16.6
2
× 4.5
52.7
6.8
2 x 1560
CPV-P26/16-2S-6PDL
33
× 10.3
3
× 2.8
52.7
4.4
3 x 967
CPV-P26/16-3S-6PD(1)
33
× 10.3
3
× 2.8
52.7
6.8
3 x 967
CPV-P26/16-3S-6PDL(1)
handbook, full pagewidth
MGB626
12.25 max
0.75
10.8 max
9.7
28.5
12.7
2.4
4.35
min
10.3 max
7.1
11.65
min
21.05
max
31.45
max
2.8
Fig.4 P26/16 coil former for PCB mounting; 6-pins.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com