Electronic Components Datasheet Search
  English  ▼

X  

74HC2G66GD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC2G66GD
Description  Dual single-pole single-throw analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66GD Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC2G66GD Datasheet HTML 1Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 2Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 3Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 4Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 5Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 6Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 7Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 8Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
74HC2G66 and 74HCT2G66 are high-speed Si-gate CMOS devices. They are dual
single-pole single-throw analog switches. Each switch has two input/output pins
(nY and nZ) and an active HIGH enable input pin (nE). When pin nE is LOW, the analog
switch is turned off.
2.
Features and benefits
Wide supply voltage range from 2.0 V to 10.0 V for 74HC2G66
Very low ON resistance:
41
Ω (typ.) at V
CC =4.5 V
30
Ω (typ.) at V
CC =6.0 V
21
Ω (typ.) at V
CC =9.0 V
High noise immunity
Low power dissipation
25 mA continuous switch current
Multiple package options
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Specified from
−40 °Cto+85 °C and −40 °Cto+125 °C
3.
Ordering information
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
Rev. 06 — 2 April 2010
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2G66DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8
leads; body width 3 mm; lead length 0.5 mm
SOT505-2
74HCT2G66DP
74HC2G66DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8
leads; body width 2.3 mm
SOT765-1
74HCT2G66DC
74HC2G66GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no
leads; 8 terminals; UTLP based; body 3
× 2 ×
0.5 mm
SOT996-2
74HCT2G66GD


Similar Part No. - 74HC2G66GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G66GD NXP-74HC2G66GD Datasheet
233Kb / 23P
Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
More results

Similar Description - 74HC2G66GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
Dual single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com