Electronic Components Datasheet Search
  English  ▼

X  

74HC2G66GD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HC2G66GD
Description  Dual single-pole single-throw analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66GD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HC2G66GD Datasheet HTML 10Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 11Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 12Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 13Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 14Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 15Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 16Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 17Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
74HC_HCT2G66_6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 2 April 2010
14 of 21
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
Adjust the switch input voltage for a 0 dBm level (0 dBm = 1 mW into 600
Ω)
Fig 18. Test circuit for measuring crosstalk (between the switches)
001aai846
VIH
VCC
1Z or 1Y
1Y or 1Z
CHANNEL
ON
1E
fi
2RL
RL
0.1
μF
CL
V
VIL
VCC
VCC
2Z or 2Y
2Y or 2Z
CHANNEL
OFF
2E
2RL
2RL
2RL
2RL
2RL
CL
V
VO1
VO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com