Electronic Components Datasheet Search
  English  ▼

X  

74HC2G66GD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC2G66GD
Description  Dual single-pole single-throw analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66GD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC2G66GD Datasheet HTML 9Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 10Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 11Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 12Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 13Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 14Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 15Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 16Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
74HC_HCT2G66_6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 2 April 2010
13 of 21
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
Test conditions: VCC = 4.5 V; GND = 0 V; RL =50 Ω;RSOURCE =1 kΩ.
Fig 16. Typical isolation (OFF-state) as a function of frequency
mna082
−60
−40
−80
−20
0
(dB)
−100
10
fi (kHz)
105
106
104
102
103
a. Circuit
b. Crosstalk voltage
Adjust the switch input voltage for a 0 dBm level (0 dBm = 1 mW into 600
Ω)
Fig 17. Test circuit for measuring crosstalk voltage (between the digital input and the switch)
DUT
mnb011
2RL
2RL
2RL
2RL
nZ/nY
nY/nZ
CL
oscilloscope
VCC
nE
VCC
VCC
GND
GND
mnb012
V(p
−p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com