Electronic Components Datasheet Search
  English  ▼

X  

74HC3G06GD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC3G06GD
Description  Triple inverter with open-drain outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G06GD Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC3G06GD Datasheet HTML 1Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 2Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 3Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 4Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 5Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 6Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 7Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 8Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74HC_HCT3G06_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2009
5 of 13
NXP Semiconductors
74HC3G06; 74HCT3G06
Triple inverter with open-drain outputs
[1]
Typical values are measured at Tamb =25 °C.
11. Dynamic characteristics
74HCT3G06
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC = 5.5 V
-
-
±1.0
-
±1.0
µA
ILO
output leakage
current
VI =VIL; VO =VCC or GND
-
-
±5.0
-
±10
µA
ICC
supply current
per input pin; VCC = 5.5 V;
VI =VCC or GND; IO =0A;
-
-
10
-
20
µA
∆ICC
additional supply
current
per input; VCC = 4.5 V to 5.5 V;
VI =VCC − 2.1 V; IO =0A
-
-
375
-
410
µA
CI
input capacitance
-
1.5
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb =25 °C; for test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
74HC3G06
tPZL
OFF-state to LOW
propagation delay
nA to nY; see Figure 6
VCC = 2.0 V
-
22
95
-
125
ns
VCC = 4.5 V
-
9
18
-
25
ns
VCC = 6.0 V
-
8
16
-
20
ns
tPLZ
LOW to OFF-state
propagation delay
nA to nY; see Figure 6
VCC = 2.0 V
-
24
95
-
125
ns
VCC = 4.5 V
-
11
20
-
27
ns
VCC = 6.0 V
-
10
19
-
23
ns
tTHL
HIGH to LOW output
transition time
nY; see Figure 6
VCC = 2.0 V
-
18
95
-
125
ns
VCC = 4.5 V
-
6
19
-
25
ns
VCC = 6.0 V
-
5
16
-
20
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[1]
-4-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com