Electronic Components Datasheet Search
  English  ▼

X  

74HC3G06GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC3G06GD
Description  Triple inverter with open-drain outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G06GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC3G06GD Datasheet HTML 2Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 3Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 4Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 5Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 6Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 7Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 8Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 9Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74HC_HCT3G06_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2009
6 of 13
NXP Semiconductors
74HC3G06; 74HCT3G06
Triple inverter with open-drain outputs
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
74HCT3G06
tPZL
OFF-state to LOW
propagation delay
nA to nY; see Figure 6
VCC = 4.5 V
-
9
24
-
29
ns
tPLZ
LOW to OFF-state
propagation delay
nA to nY; see Figure 6
VCC = 4.5 V
-
12
27
-
32
ns
tTHL
HIGH to LOW output
transition time
VCC = 4.5 V; see Figure 6
-
6
19
-
22
ns
CPD
power dissipation
capacitance
VI = GND to VCC − 1.5 V
[1]
-4
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb =25 °C; for test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
Measurement points are given in Table 9.
VOL is the typical output voltage level that occurs with the output load.
Fig 6.
The input (nA) to output (nY) propagation delays
001aak031
nA input
GND
nY output
VM
tPLZ
tPZL
tTHL
VX
VM
VOL
VCC
VI
Table 9.
Measurement points
Type
Input
Output
VM
VM
VX
74HC3G06
0.5
× V
CC
0.5
× V
CC
0.1
× V
CC
74HCT3G06
1.3 V
1.3 V
0.1
× V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com