Electronic Components Datasheet Search
  English  ▼

X  

74HC193D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC193D
Description  Presettable synchronous 4-bit binary up/down counter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC193D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC193D Datasheet HTML 1Page - NXP Semiconductors 74HC193D Datasheet HTML 2Page - NXP Semiconductors 74HC193D Datasheet HTML 3Page - NXP Semiconductors 74HC193D Datasheet HTML 4Page - NXP Semiconductors 74HC193D Datasheet HTML 5Page - NXP Semiconductors 74HC193D Datasheet HTML 6Page - NXP Semiconductors 74HC193D Datasheet HTML 7Page - NXP Semiconductors 74HC193D Datasheet HTML 8Page - NXP Semiconductors 74HC193D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
74HC_HCT193_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 23 May 2007
2 of 29
NXP Semiconductors
74HC193; 74HCT193
Presettable synchronous 4-bit binary up/down counter
Q3) LOW. If one of the clock inputs is LOW during and after a reset or load operation, the
next LOW-to-HIGH transition of that clock will be interpreted as a legitimate signal and will
be counted.
2.
Features
I Synchronous reversible 4-bit binary counting
I Asynchronous parallel load
I Asynchronous reset
I Expandable without external logic
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74HC193D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC193DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HC193N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC193PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT193D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT193DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT193N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT193PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Fig 1.
Functional diagram
Fig 2.
Logic symbol
001aag405
FLIP-FLOPS
COUNTER
PL
11
CPU
5
TCD
13
TCU
12
Q0
3267
151109
Q1
Q2
Q3
D0
D1
D2
D3
CPD
4
MR
14
001aag409
MR
Q0
Q1
Q2
Q3
PL
D0
D1
D2
D3
14
3267
11
151109
4
CPD
TCD
TCU
5
13
12
CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com