Electronic Components Datasheet Search
  English  ▼

X  

74HC193D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74HC193D
Description  Presettable synchronous 4-bit binary up/down counter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC193D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74HC193D Datasheet HTML 17Page - NXP Semiconductors 74HC193D Datasheet HTML 18Page - NXP Semiconductors 74HC193D Datasheet HTML 19Page - NXP Semiconductors 74HC193D Datasheet HTML 20Page - NXP Semiconductors 74HC193D Datasheet HTML 21Page - NXP Semiconductors 74HC193D Datasheet HTML 22Page - NXP Semiconductors 74HC193D Datasheet HTML 23Page - NXP Semiconductors 74HC193D Datasheet HTML 24Page - NXP Semiconductors 74HC193D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
74HC_HCT193_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 23 May 2007
21 of 29
NXP Semiconductors
74HC193; 74HCT193
Presettable synchronous 4-bit binary up/down counter
Table 10.
Measurement points
Type
Input
Output
VM
VI
VM
74HC193
0.5
× V
CC
GND to VCC
0.5
× V
CC
74HCT193
1.3 V
GND to 3 V
1.3 V
Test data is given in Table 11.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator
CL = Load capacitance including jig and probe capacitance
RL = Load resistor
S1 = Test selection switch
Fig 16. Load circuitry for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
PULSE
GENERATOR
Table 11.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
74HC193
VCC
6 ns
15 pF, 50 pF
1 k
Ω
open
74HCT193
3 V
6 ns
15 pF, 50 pF
1 k
Ω
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com