Electronic Components Datasheet Search
  English  ▼

X  

74HC193D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC193D
Description  Presettable synchronous 4-bit binary up/down counter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC193D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC193D Datasheet HTML 9Page - NXP Semiconductors 74HC193D Datasheet HTML 10Page - NXP Semiconductors 74HC193D Datasheet HTML 11Page - NXP Semiconductors 74HC193D Datasheet HTML 12Page - NXP Semiconductors 74HC193D Datasheet HTML 13Page - NXP Semiconductors 74HC193D Datasheet HTML 14Page - NXP Semiconductors 74HC193D Datasheet HTML 15Page - NXP Semiconductors 74HC193D Datasheet HTML 16Page - NXP Semiconductors 74HC193D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
74HC_HCT193_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 23 May 2007
13 of 29
NXP Semiconductors
74HC193; 74HCT193
Presettable synchronous 4-bit binary up/down counter
10. Dynamic characteristics
Table 8.
Dynamic characteristics type 74HC193
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
propagation
delay
CPU, CPD to Qn;
see Figure 9
[1]
-
VCC = 2.0 V
-
63
215
-
270
-
325
ns
VCC = 4.5 V
-
23
43
-
54
-
65
ns
VCC = 6.0 V
-
18
37
-
46
-
55
ns
CPU to TCU; see
Figure 10
VCC = 2.0 V
-
39
125
-
155
-
190
ns
VCC = 4.5 V
-
14
25
-
31
-
38
ns
VCC = 6.0 V
-
11
21
-
26
-
32
ns
CPD to TCD; see
Figure 10
VCC = 2.0 V
-
39
125
-
155
-
190
ns
VCC = 4.5 V
-
14
25
-
31
-
38
ns
VCC = 6.0 V
-
11
21
-
26
-
32
ns
PL to Qn; see
Figure 11
VCC = 2.0 V
-
69
220
-
275
-
330
ns
VCC = 4.5 V
-
25
44
-
55
-
66
ns
VCC = 6.0 V
-
20
37
-
47
-
56
ns
MR to Qn; see
Figure 12
VCC = 2.0 V
-
58
200
-
250
-
300
ns
VCC = 4.5 V
-
21
40
-
50
-
60
ns
VCC = 6.0 V
-
17
34
43
-
51
ns
Dn to Qn; see
Figure 11
VCC = 2.0 V
-
69
210
-
265
-
315
ns
VCC = 4.5 V
-
25
42
-
53
-
63
ns
VCC = 6.0 V
-
20
36
-
45
-
54
ns
PL to TCU, PL to
TCD; see Figure 14
VCC = 2.0 V
-
80
290
-
365
-
435
ns
VCC = 4.5 V
-
29
58
-
73
-
87
ns
VCC = 6.0 V
-
23
49
-
62
-
74
ns
MR to TCU,MRto
TCD; see Figure 14
VCC = 2.0 V
-
74
285
-
355
-
430
ns
VCC = 4.5 V
-
27
57
-
71
-
86
ns
VCC = 6.0 V
-
22
48
-
60
-
73
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com