Electronic Components Datasheet Search
  English  ▼

X  

HAL2XY Datasheet(PDF) 4 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 4 Page - Micronas

  HAL2XY Datasheet HTML 1Page - Micronas HAL2XY Datasheet HTML 2Page - Micronas HAL2XY Datasheet HTML 3Page - Micronas HAL2XY Datasheet HTML 4Page - Micronas HAL2XY Datasheet HTML 5Page - Micronas HAL2XY Datasheet HTML 6Page - Micronas HAL2XY Datasheet HTML 7Page - Micronas HAL2XY Datasheet HTML 8Page - Micronas HAL2XY Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HAL 2xy
DATA SHEET
4
Jan. 11, 2010; DSH000141_003EN
Micronas
Hall-Effect Sensor Family
Release Note: Revision bars indicate significant
changes to the previous edition.
1. Introduction
The HAL 2xy Hall switch family is produced in CMOS
technology. The sensors include a temperature-com-
pensated Hall plate with active offset compensation, a
comparator, and an open-drain output transistor. The
comparator compares the actual magnetic flux through
the Hall plate (Hall voltage) with the fixed reference
values (switching points). Accordingly, the output tran-
sistor is switched on or off. In addition the HAL22y
sensors features a power-on and undervoltage reset.
The active offset compensation leads to magnetic
parameters which are robust against mechanical
stress effects. In addition, the magnetic characteristics
are constant in the full supply voltage and temperature
range.
The sensors are designed for industrial and automo-
tive applications and operate with supply voltages
from 3.8 V to 24 V in the ambient temperature range
from
−40 °C up to 125 °C. For HAL22y the minimum
supply voltage is 4.3 V.
The HAL 2xy family is available in the SMD package
SOT89B-3 and in the leaded versions TO92UA-5 and
TO92UA-6.
1.1. Features
– switching offset compensation
– operates from 3.8 V to 24 V supply voltage (HAL22y
minimum supply voltage is 4.3 V)
– power-on and undervoltage reset in case of HAL22y
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– magnetic characteristics are robust against
mechanical stress effects
– short-circuit protected open-drain output by thermal
shut down
– constant switching points over a wide supply volt-
age and temperature range
– the decrease of magnetic flux density caused by
rising temperature in the sensor system is compen-
sated by a built-in negative temperature coefficient
of the magnetic characteristics
– superior temperature stability for automotive or
industrial applications
– high ESD rating
– EMC corresponding to ISO 7637
1.2. Family Overview
This sensor family consists of sensors with latching
and unipolar output behavior.
Family members with power-on and undervoltage
reset (HAL22y):
Type
Switching
Behavior
Sensitivity
see
Page
201
unipolar
low
12
202
latching
high
12
203
latching
medium
12
204
latching
low
12
206
unipolar
high
12
207
unipolar
low
12
208
unipolar
medium
12
210
unipolar
high
12
211
unipolar with
inverted output
(north polarity)
high
12
212
unipolar
low
12
Type
Switching
Behavior
Sensitivity
see
Page
220
latching
high
12
221
unipolar
low
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com