Electronic Components Datasheet Search
  English  ▼

X  

HAL2XY Datasheet(PDF) 10 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 10 Page - Micronas

Back Button HAL2XY Datasheet HTML 6Page - Micronas HAL2XY Datasheet HTML 7Page - Micronas HAL2XY Datasheet HTML 8Page - Micronas HAL2XY Datasheet HTML 9Page - Micronas HAL2XY Datasheet HTML 10Page - Micronas HAL2XY Datasheet HTML 11Page - Micronas HAL2XY Datasheet HTML 12Page - Micronas HAL2XY Datasheet HTML 13Page - Micronas HAL2XY Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HAL 2xy
DATA SHEET
10
Jan. 11, 2010; DSH000141_003EN
Micronas
3.5. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions/Characteris-
tics” is not implied and may result in unpredictable behavior, reduce reliability and lifetime of the device.
All voltages listed are referenced to ground (GND).
3.6. Characteristics
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V (HAL22y: VDD = 4.3 V to 24 V), GND = 0 V
at Recommended Operation Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VDD = 12 V.
Symbol
Parameter
Pin Name
Min.
Max.
Unit
Comment
VDD
Supply Voltage
1
3.8
24
V
for HAL20y and
HAL21y only
VDD
Supply Voltage
1
4.3
24
V
for HAL22y only
IO
Continuous Output on Current
3
0
20
mA
VO
Output Voltage
(output switched off)
30
24
V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current over
Temperature Range
11.6
3
5.2
mA
VDDZ
Overvoltage Protection
at Supply
1
−
28.5
32
V
IDD = 25 mA, TJ = 25 °C,
t = 20 ms
VOZ
Overvoltage Protection at Output
3
−
28
32
V
IOH = 25 mA, TJ = 25 °C,
t = 20 ms
VOL
Output Voltage over
Temperature Range
3
−
130
400
mV
IOL = 20 mA
IOH
Output Leakage Current over
Temperature Range
3
−−
10
µA
Output switched off,
TJ ≤150 °C, VOH = 3.8 to 24
fosc
Internal Oscillator Chopper
Frequency over Temperature
Range
−−
62
−
kHz
HAL20y, HAL 21y, HAL 22y
−
140
−
kHz
HAL204
ten(O)
Enable Time of Output after
Setting of VDD
1
−
35
−
µs
1) For HAL20y, HAL21y only
−
70
−
µs
1) For HAL22y only
Vreset
Reset Voltage
1
−
3.8
−
V
For HAL 22y only
tr
Output Rise Time
3
−
75
400
ns
VDD = 12 V,
RL = 820 Ohm,
CL = 20 pF
tf
Output Fall Time
3
−
50
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com