Electronic Components Datasheet Search
  English  ▼

X  

HAL2XY Datasheet(PDF) 15 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 15 Page - Micronas

Back Button HAL2XY Datasheet HTML 9Page - Micronas HAL2XY Datasheet HTML 10Page - Micronas HAL2XY Datasheet HTML 11Page - Micronas HAL2XY Datasheet HTML 12Page - Micronas HAL2XY Datasheet HTML 13Page - Micronas HAL2XY Datasheet HTML 14Page - Micronas HAL2XY Datasheet HTML 15Page - Micronas HAL2XY Datasheet HTML 16Page - Micronas HAL2XY Datasheet HTML 17Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DATA SHEET
HAL 2xy
Micronas
Jan. 11, 2010; DSH000141_003EN
15
4. Application Notes
4.1. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
At static conditions and continuous operation, the fol-
lowing equation applies:
If IOUT > IDD, please contact Micronas application sup-
port for detailed instructions on calculating ambient
temperature.
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the
application.
For all sensors, the junction temperature range TJ is
specified. The maximum ambient temperature TAmax
can be calculated as:
4.2. HAL20y, HAL21y Operation
4.2.1. Extended Operating Conditions
All sensors fulfill the electrical and magnetic character-
istics when operated within the Recommended Oper-
ating Conditions (see page 10).
Supply Voltage Below 3.8 V
Typically, the sensors operate with supply voltages
above 3 V, however, below 3.8 V some characteristics
may be outside the specification.
Note: The functionality of the sensor below 3.8 V is
not tested. For special test conditions, please
contact Micronas.
4.2.2. Start-up Behavior
Due to the active offset compensation, the sensors
have an initialization time (enable time ten(O)) after
applying the supply voltage. The parameter ten(O) is
specified in Section 3.6.: Characteristics on page 10.
During the initialization time, the output state is not
defined and the output can toggle. After ten(O), the out-
put will be low if the applied magnetic field B is above
BON. The output will be high if B is below BOFF. In case
of sensors with an inverted switching behavior
(HAL211), the output state will be high if B > BOFF and
low if B < BON.
For magnetic fields between BOFF and BON, the output
state of the HAL sensor after applying VDD will be
either low or high. In order to achieve a well-defined
output state, the applied magnetic field must be above
BONmax, respectively, below BOFFmin.
4.3. HAL22y Operation
4.3.1. Extended Operating Conditions
All sensors fulfill the electrical and magnetic character-
istics when operated within the Recommended Oper-
ating Conditions (see page 10).
Supply Voltage Below 4.3 V
The devices contain a Power-on Reset (POR) and a
undervoltage reset. For VDD < Vreset the output state is
high. For Vreset < VDD < 4.3 V the device responds to
the magnetic field according to the specified magnetic
characteristics.
Note: The functionality of the sensor below 4.3 V is not
tested. For special test conditions, please con-
tact Micronas.
4.3.2. Start-up Behavior
Due to the active offset compensation, the sensors
have an initialization time (enable time ten(O)) after
applying the supply voltage. The parameter ten(O) is
specified in Section 3.6.: Characteristics on page 10.
During the initialization time, the output state for the
HAL22y is ‘Off-state‘ (i.e. Output High). After ten(O), the
output will high. The output will be switched to low if
the magnetic field B is above BON.
T
J
T
A
T
Δ
+
=
T
Δ
I
DD
V
DD
×
R
th
×
=
T
Amax
T
Jmax
T
Δ
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com