Electronic Components Datasheet Search
  English  ▼

X  

HAL320 Datasheet(PDF) 4 Page - Micronas

Part # HAL320
Description  Differential Hall-Effect Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL320 Datasheet(HTML) 4 Page - Micronas

  HAL320 Datasheet HTML 1Page - Micronas HAL320 Datasheet HTML 2Page - Micronas HAL320 Datasheet HTML 3Page - Micronas HAL320 Datasheet HTML 4Page - Micronas HAL320 Datasheet HTML 5Page - Micronas HAL320 Datasheet HTML 6Page - Micronas HAL320 Datasheet HTML 7Page - Micronas HAL320 Datasheet HTML 8Page - Micronas HAL320 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HAL320
DATA SHEET
4
Micronas
Differential Hall Effect Sensor IC
in CMOS technology
Release Notes: Revision bars indicate significant
changes to the previous edition.
1. Introduction
The HAL 320 is a differential Hall switch produced in
CMOS technology. The sensor includes 2 temperature-
compensated Hall plates (2.25 mm apart) with active off-
set compensation, a differential amplifier with a Schmitt
trigger, and an open-drain output transistor (see Fig.
2–1).
The HAL 320 is a differential sensor which responds to
spatial differences of the magnetic field. The Hall volt-
ages at the two Hall plates, S1 and S2, are amplified with
a differential amplifier. The differential signal is
compared with the actual switching level of the internal
Schmitt trigger. Accordingly, the output transistor is
switched on or off.
The sensor has a bipolar switching behavior and re-
quires positive and negative values of
ΔB = BS1 – BS2 for
correct operation.
Basically, there are two ways to generate the differential
signal
ΔB:
– Rotating a multi-pole-ring in front of the branded side
of the package (see Fig. 3–1, Fig. 3–2, and Fig. 3–3;
Please use HAL 300 only).
– Back-bias applications:
A magnet on the back side of the package generates
a back-bias field at both Hall plates. The differential
signal
ΔB results from the magnetic modulation of the
back-bias field by a rotating ferromagnetic target
(Please use HAL 320 only).
The active offset compensation leads to constant mag-
netic characteristics over supply voltage and tempera-
ture.
The sensor is designed for industrial and automotive ap-
plications and operates with supply voltages from 4.5 V
to 24 V in the ambient temperature range from –40
°C
up to 150
°C.
The HAL 320 is an ideal sensor for target wheel applica-
tions, ignition timing, anti-lock brake systems, and revo-
lution counting in extreme automotive and industrial en-
vironments
The HAL 320 is available in the SMD-package
SOT89B-2 and in the leaded versions TO92UA-3 and
TO92UA-4.
1.1. Features:
– distance between Hall plates: 2.25 mm
– operates from 4.5 V to 24 V supply voltage
– switching offset compensation at 62 kHz
– overvoltage protection
– reverse-voltage protection at VDD-pin
– short-circuit protected open-drain output by thermal
shutdown
– operates with magnetic fields from DC to 10 kHz
– output turns low with magnetic south pole on branded
side of package and with a higher magnetic flux densi-
ty in sensitive area S1 as in S2
– on-chip temperature compensation circuitry mini-
mizes shifts of the magnetic parameters over temper-
ature and supply voltage range
– the decrease of magnetic flux density caused by rising
temperature in the sensor system is compensated by
a built-in negative temperature coefficient of hystere-
sis
– EMC corresponding to ISO 7637
1.2. Marking Code
All Hall sensors have a marking on the package surface
(branded side). This marking includes the name of the
sensor and the temperature range.
1.3. Operating Junction Temperature Range (TJ)
The Hall sensors from Micronas are specified to the chip
temperature (junction temperature TJ).
The HAL 320 is available in the temperature range “A”
only.
A: TJ = –40 °C to +170 °C
The relationship between ambient temperature (TA) and
junction temperature (TJ) is explained in section 4.1. on
page 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com