Electronic Components Datasheet Search
  English  ▼

X  

HAL320 Datasheet(PDF) 19 Page - Micronas

Part # HAL320
Description  Differential Hall-Effect Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL320 Datasheet(HTML) 19 Page - Micronas

Back Button HAL320 Datasheet HTML 14Page - Micronas HAL320 Datasheet HTML 15Page - Micronas HAL320 Datasheet HTML 16Page - Micronas HAL320 Datasheet HTML 17Page - Micronas HAL320 Datasheet HTML 18Page - Micronas HAL320 Datasheet HTML 19Page - Micronas HAL320 Datasheet HTML 20Page - Micronas HAL320 Datasheet HTML 21Page - Micronas HAL320 Datasheet HTML 22Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
HAL320
DATA SHEET
19
Micronas
20
22
24
26
28
30
μA
VOH
IOH
V
10
0
10
–1
10
–2
10
–3
10
–4
10
–5
10
1
10
2
VDD = 5 V
TA = 125 °C
TA = 75 °C
TA = 25 °C
Fig. 3–20: Typical output leakage current
versus output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com