Electronic Components Datasheet Search
  English  ▼

X  

HAL320 Datasheet(PDF) 20 Page - Micronas

Part # HAL320
Description  Differential Hall-Effect Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL320 Datasheet(HTML) 20 Page - Micronas

Back Button HAL320 Datasheet HTML 14Page - Micronas HAL320 Datasheet HTML 15Page - Micronas HAL320 Datasheet HTML 16Page - Micronas HAL320 Datasheet HTML 17Page - Micronas HAL320 Datasheet HTML 18Page - Micronas HAL320 Datasheet HTML 19Page - Micronas HAL320 Datasheet HTML 20Page - Micronas HAL320 Datasheet HTML 21Page - Micronas HAL320 Datasheet HTML 22Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
HAL320
DATA SHEET
20
Micronas
4. Application Notes
Mechanical stress can change the sensitivity of the Hall
plates and an offset of the magnetic switching points
may result. External mechanical stress on the sensor
must be avoided if the sensor is used under back-biased
conditions. This piezo sensitivity of the sensor IC cannot
be completely compensated for by the switching offset
compensation technique.
In order to assure switching the sensor on and off in a
back-biased application, the minimum magnetic modu-
lation of the differential field should amount to more than
10% of the magnetic preinduction.
If the HAL 320 sensor IC is used in back-biased applica-
tions, please contact our Application Department. They
will provide assistance in avoiding applications which
may induce stress to the ICs. This stress may cause
drifts of the magnetic parameters indicated in this data
sheet.
4.1. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient tem-
perature TA).
TJ = TA + ΔT
Under static conditions and continuous operation, the
following equation applies:
ΔT = IDD * VDD * Rth
For typical values, use the typical parameters. For worst
case calculation, use the max. parameters for IDD and
Rth, and the max. value for VDD from the application.
For all sensors, the junction temperature range TJ is
specified. The maximum ambient temperature TAmax
can be calculated as:
TAmax = TJmax – ΔT
4.2. Extended Operating Conditions
All sensors fulfill the electrical and magnetic characteris-
tics when operated within the Recommended Operating
Conditions (see page 13).
Supply Voltage Below 4.5 V
Typically, the sensors operate with supply voltages
above 3 V, however, below 4.5 V some characteristics
may be outside the specification.
Note: The functionality of the sensor below 4.5 V is not
tested on a regular base. For special test condi-
tions, please contact Micronas.
4.3. Start-up Behavior
Due to the active offset compensation, the sensors have
an initialization time (enable time ten(O)) after applying
the supply voltage. The parameter ten(O) is specified in
the Electrical Characteristics (see page 13).
During the initialization time, the output state is not de-
fined and the output can toggle. After ten(O), the output
will be low if the applied magnetic field B is above BON.
The output will be high if B is below BOFF.
For magnetic fields between BOFF and BON, the output
state of the HAL sensor after applying VDD will be either
low or high. In order to achieve a well-defined output
state, the applied magnetic field must be above BONmax,
respectively, below BOFFmin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com