Electronic Components Datasheet Search
  English  ▼

X  

HAL401 Datasheet(PDF) 6 Page - Micronas

Part # HAL401
Description  Linear Hall-Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL401 Datasheet(HTML) 6 Page - Micronas

Back Button HAL401 Datasheet HTML 2Page - Micronas HAL401 Datasheet HTML 3Page - Micronas HAL401 Datasheet HTML 4Page - Micronas HAL401 Datasheet HTML 5Page - Micronas HAL401 Datasheet HTML 6Page - Micronas HAL401 Datasheet HTML 7Page - Micronas HAL401 Datasheet HTML 8Page - Micronas HAL401 Datasheet HTML 9Page - Micronas HAL401 Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HAL401
DATA SHEET
6
Micronas
2. Functional Description
Temp.
Dependent
Bias
Offset
Compensation;
Hallplate
Switching
Matrix
1
4
2
3
OUT1
OUT2
Fig. 2–1: Block diagram of the HAL 401 (top view)
VDD
Protection
Device
Chopper
Oscillator
GND
The Linear Hall Sensor measures constant and low fre-
quency magnetic flux densities accurately. The differen-
tial output voltage VOUTDIF (difference of the voltages on
pin 2 and pin 3) is proportional to the magnetic flux densi-
ty passing vertically through the sensitive area of the
chip. The common mode voltage VCM (average of the
voltages on pin 2 and pin 3) of the differential output am-
plifier is a constant 2.2 V.
The differential output voltage consists of two compo-
nents due to the switching offset compensation tech-
nique. The average of the differential output voltage rep-
resents the magnetic flux density. This component is
overlaid by a differential AC signal at a typical frequency
of 147 kHz. The AC signal represents the internal offset
voltages of amplifiers and hall plates that are influenced
by mechanical stress and temperature cycling.
External filtering or integrating measurement can be
done to eliminate the AC component of the signal. Re-
sultingly, the influence of mechanical stress and temper-
ature cycling is suppressed. No adjustment of magnetic
offset is needed.
The sensitivity is stabilized over a wide range of temper-
ature and supply voltage due to internal voltage regula-
tion and circuits for temperature compensation.
Offset Compensation (see Fig. 2–2)
The Hall Offset Voltage is the residual voltage measured
in absence of a magnetic field (zero-field residual volt-
age). This voltage is caused by mechanical stress and
can be modeled by a displacement of the connections
for voltage measurement and/or current supply.
Compensation of this kind of offset is done by cyclic
commutating the connections for current flow and volt-
age measurement.
– First cycle:
The hall supply current flows between points 4 and 2.
In the absence of a magnetic field, V13 is the Hall Off-
set Voltage (+VOffs). In case of a magnetic field, V13 is
the sum of the Hall voltage (VH) and VOffs.
V13 = VH + VOffs
– Second cycle:
The hall supply current flows between points 1 and 3.
In the absence of a magnetic field, V24 is the Hall Off-
set Voltage with negative polarity (–VOffs). In case of
a magnetic field, V24 is the difference of the Hall volt-
age (VH) and VOffs.
V24 = VH – VOffs
In the first cycle, the output shows the sum of the Hall
voltage and the offset; in the second, the difference of
both. The difference of the mean values of VOUT1 and
VOUT2 (VOUTDIF) is equivalent to VHall.
Fig. 2–2: Hall Offset Compensation
Note: The numbers do not
represent pin numbers.
IC
2
4
VOffs
1
3
V
IC
2
4
VOffs
1
3
V
V
t
VCM
for B
u0 mT
VOUT1
VOUT2
VOUTDIF
VOUTDIF/2
VOUTDIF/2
1/fCH = 6.7 μs
VOUTAC
a) Offset Voltage
b) Switched Current Supply
c) Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com