Electronic Components Datasheet Search
  English  ▼

X  

HAL401 Datasheet(PDF) 9 Page - Micronas

Part # HAL401
Description  Linear Hall-Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL401 Datasheet(HTML) 9 Page - Micronas

Back Button HAL401 Datasheet HTML 5Page - Micronas HAL401 Datasheet HTML 6Page - Micronas HAL401 Datasheet HTML 7Page - Micronas HAL401 Datasheet HTML 8Page - Micronas HAL401 Datasheet HTML 9Page - Micronas HAL401 Datasheet HTML 10Page - Micronas HAL401 Datasheet HTML 11Page - Micronas HAL401 Datasheet HTML 12Page - Micronas HAL401 Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
HAL401
DATA SHEET
9
Micronas
3.5. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions” of this specifi-
cation is not implied, may result in unpredictable behavior of the device and may reduce reliability and lifetime.
All voltages listed are referenced to ground (GND).
Symbol
Parameter
Pin No.
Min.
Max.
Unit
Remarks
IO
Continuous Output Current
2, 3
–2.25
2.25
mA
TJ = 25 °C
IO
Continuous Output Current
2, 3
–1
1
mA
TJ = 170 °C
CL
Load Capacitance
2, 3
–
1
nF
VDD
Supply Voltage
1
4.8
12
V
see Fig. 3–2
B
Magnetic Field Range
–50
50
mT
Fig. 3–2: Recommended Operating Supply Voltage
12 V
6.8 V
4.8 V
–40
°C
25
°C
150
°C
125
°C
VDD
TA
power dissipation limit
min. VDD
for specified
sensitivity
4.5 V
8.0 V
11.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com