Electronic Components Datasheet Search
  English  ▼

X  

HAL401 Datasheet(PDF) 7 Page - Micronas

Part # HAL401
Description  Linear Hall-Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL401 Datasheet(HTML) 7 Page - Micronas

Back Button HAL401 Datasheet HTML 3Page - Micronas HAL401 Datasheet HTML 4Page - Micronas HAL401 Datasheet HTML 5Page - Micronas HAL401 Datasheet HTML 6Page - Micronas HAL401 Datasheet HTML 7Page - Micronas HAL401 Datasheet HTML 8Page - Micronas HAL401 Datasheet HTML 9Page - Micronas HAL401 Datasheet HTML 10Page - Micronas HAL401 Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
HAL401
DATA SHEET
7
Micronas
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
SOT89B-1: Plastic Small Outline Transistor package, 4 leads
Weight approximately 0.034 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com