Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 62 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 58Page - Texas Instruments AM1707 Datasheet HTML 59Page - Texas Instruments AM1707 Datasheet HTML 60Page - Texas Instruments AM1707 Datasheet HTML 61Page - Texas Instruments AM1707 Datasheet HTML 62Page - Texas Instruments AM1707 Datasheet HTML 63Page - Texas Instruments AM1707 Datasheet HTML 64Page - Texas Instruments AM1707 Datasheet HTML 65Page - Texas Instruments AM1707 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-14. EDMA3 Transfer Controller (EDMA3TC) Registers (continued)
TRANSFER
TRANSFER
CONTROLLER 0
CONTROLLER 1
ACRONYM
REGISTER DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
0x01C0 8310
0x01C0 8710
DFBIDX0
Destination FIFO B-Index Register 0
0x01C0 8314
0x01C0 8714
DFMPPRXY0
Destination FIFO Memory Protection Proxy Register 0
0x01C0 8340
0x01C0 8740
DFOPT1
Destination FIFO Options Register 1
0x01C0 8344
0x01C0 8744
DFSRC1
Destination FIFO Source Address Register 1
0x01C0 8348
0x01C0 8748
DFCNT1
Destination FIFO Count Register 1
0x01C0 834C
0x01C0 874C
DFDST1
Destination FIFO Destination Address Register 1
0x01C0 8350
0x01C0 8750
DFBIDX1
Destination FIFO B-Index Register 1
0x01C0 8354
0x01C0 8754
DFMPPRXY1
Destination FIFO Memory Protection Proxy Register 1
0x01C0 8380
0x01C0 8780
DFOPT2
Destination FIFO Options Register 2
0x01C0 8384
0x01C0 8784
DFSRC2
Destination FIFO Source Address Register 2
0x01C0 8388
0x01C0 8788
DFCNT2
Destination FIFO Count Register 2
0x01C0 838C
0x01C0 878C
DFDST2
Destination FIFO Destination Address Register 2
0x01C0 8390
0x01C0 8790
DFBIDX2
Destination FIFO B-Index Register 2
0x01C0 8394
0x01C0 8794
DFMPPRXY2
Destination FIFO Memory Protection Proxy Register 2
0x01C0 83C0
0x01C0 87C0
DFOPT3
Destination FIFO Options Register 3
0x01C0 83C4
0x01C0 87C4
DFSRC3
Destination FIFO Source Address Register 3
0x01C0 83C8
0x01C0 87C8
DFCNT3
Destination FIFO Count Register 3
0x01C0 83CC
0x01C0 87CC
DFDST3
Destination FIFO Destination Address Register 3
0x01C0 83D0
0x01C0 87D0
DFBIDX3
Destination FIFO B-Index Register 3
0x01C0 83D4
0x01C0 87D4
DFMPPRXY3
Destination FIFO Memory Protection Proxy Register 3
Table 6-15 shows an abbreviation of the set of registers which make up the parameter set for each of 128
EDMA events. Each of the parameter register sets consist of 8 32-bit word entries. Table 6-16 shows the
parameter set entry registers with relative memory address locations within each of the parameter sets.
Table 6-15. EDMA Parameter Set RAM
BYTE ADDRESS
DESCRIPTION
0x01C0 4000 - 0x01C0 401F
Parameters Set 0 (8 32-bit words)
0x01C0 4020 - 0x01C0 403F
Parameters Set 1 (8 32-bit words)
0x01C0 4040 - 0x01C0 405F
Parameters Set 2 (8 32-bit words)
0x01C0 4060 - 0x01C0 407F
Parameters Set 3 (8 32-bit words)
0x01C0 4080 - 0x01C0 409F
Parameters Set 4 (8 32-bit words)
0x01C0 40A0 - 0x01C0 40BF
Parameters Set 5 (8 32-bit words)
...
...
0x01C0 4FC0 - 0x01C0 4FDF
Parameters Set 126 (8 32-bit words)
0x01C0 4FE0 - 0x01C0 4FFF
Parameters Set 127 (8 32-bit words)
Table 6-16. Parameter Set Entries
HEX OFFSET ADDRESS
ACRONYM
PARAMETER ENTRY
WITHIN THE PARAMETER SET
0x0000
OPT
Option
0x0004
SRC
Source Address
0x0008
A_B_CNT
A Count, B Count
0x000C
DST
Destination Address
0x0010
SRC_DST_BIDX
Source B Index, Destination B Index
0x0014
LINK_BCNTRLD
Link Address, B Count Reload
62
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com