Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 25Page - Texas Instruments AM1707 Datasheet HTML 26Page - Texas Instruments AM1707 Datasheet HTML 27Page - Texas Instruments AM1707 Datasheet HTML 28Page - Texas Instruments AM1707 Datasheet HTML 29Page - Texas Instruments AM1707 Datasheet HTML 30Page - Texas Instruments AM1707 Datasheet HTML 31Page - Texas Instruments AM1707 Datasheet HTML 32Page - Texas Instruments AM1707 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 198 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
Table 3-17. Multichannel Audio Serial Ports (McASPs) Terminal Functions (continued)
PIN
No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
McASP1
AXR1[11]/GP5[11]
T4
I/O
IPU
AXR1[10]/GP5[10]
N3
I/O
IPU
GPIO
AXR1[9]/GP4[9]
M1
I/O
IPD
eHRPWM1 A,
AXR1[8]/EPWM1A/GP4[8]
M2
I/O
IPD
GPIO
eHRPWM1 B,
AXR1[7]/EPWM1B/GP4[7]
M3
I/O
IPD
GPIO
eHRPWM2 A,
McASP1 serial
AXR1[6]/EPWM2A/GP4[6]
M4
I/O
IPD
GPIO
data.
eHRPWM2 B,
AXR1[5]/EPWM2B/GP4[5]
N1
I/O
IPD
GPIO
AXR1[4]/EQEP1B/GP4[4]
N2
I/O
IPD
eQEP1, GPIO
AXR1[3]/EQEP1A/GP4[3]
P1
I/O
IPD
AXR1[2]/GP4[2]
P2
I/O
IPD
AXR1[1]/GP4[1]
R2
I/O
IPD
GPIO
AXR1[0]/GP4[0]
T3
I/O
IPD
eHRPWM0,
McASP1 transmit
AHCLKX1/EPWM0B/GP3[14]
K2
I/O
IPD
GPIO
master clock.
eHRPWM0,
McASP1 transmit
ACLKX1/EPWM0A/GP3[15]
K3
I/O
IPD
GPIO
bit clock.
eHRPWM0,
McASP1 transmit
AFSX1/EPWMSYNCI/EPWMSYNCO/GP4[10]
K4
I/O
IPD
GPIO
frame sync.
McASP1 receive
AHCLKR1/GP4[11]
L1
I/O
IPD
GPIO
master clock.
McASP1 receive
ACLKR1/ECAP2/APWM2/GP4[12]
L2
I/O
IPD
eCAP2, GPIO
bit clock.
McASP1 receive
AFSR1/GP4[13]
L3
I/O
IPD
GPIO
frame sync.
eHRPWM0,
eHRPWM1,
McASP1 mute
AMUTE1/EPWMTZ/GP4[14]
D4
I/O
IPD
GPIO,
output.
eHRPWM2
McASP2
AXR0[2]/RMII_TXEN/AXR2[3]/GP3[2]
D8
I/O
IPD
AXR0[3]/RMII_CRS_DV/AXR2[2]/GP3[3]
A7
I/O
IPD
McASP0,
McASP2 serial
EMAC, GPIO
data.
AXR0[4]/RMII_RXD[0]/AXR2[1]/GP3[4]
B7
I/O
IPD
AXR0[11]/AXR2[0]/GP3[11]
A5
I/O
IPD
McASP2 transmit
AHCLKX0/AHCLKX2/USB_REFCLKIN/GP2[11]
B5
I/O
IPD
master clock.
McASP0, USB,
GPIO
McASP2 transmit
AXR0[1]/RMII_TXD[1]/ACLKX2/GP3[1]
C8
I/O
IPD
bit clock.
McASP0,
McASP2 transmit
AXR0[5]/RMII_RXD[1]/AFSX2/GP3[5]
C7
I/O
IPD
EMAC, GPIO
frame sync.
EMIFA, GPIO,
McASP2 receive
EMA_CLK/OBSCLK/AHCLKR2/GP1[15]
R12
I/O
IPU
OBSCLK
master clock.
McASP0,
McASP2 receive
AXR0[6]/RMII_RXER/ACLKR2/GP3[6]
D7
I/O
IPD
EMAC, GPIO
bit clock.
McASP2 mute
EMA_CS[3]/AMUTE2/GP2[6]
T7
I/O
IPU
EMIFA, GPIO
output.
Copyright © 2010, Texas Instruments Incorporated
Device Overview
29
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com