Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 28Page - Texas Instruments AM1707 Datasheet HTML 29Page - Texas Instruments AM1707 Datasheet HTML 30Page - Texas Instruments AM1707 Datasheet HTML 31Page - Texas Instruments AM1707 Datasheet HTML 32Page - Texas Instruments AM1707 Datasheet HTML 33Page - Texas Instruments AM1707 Datasheet HTML 34Page - Texas Instruments AM1707 Datasheet HTML 35Page - Texas Instruments AM1707 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3.6.19
Liquid Crystal Display Controller(LCD)
Table 3-21. Liquid Crystal Display Controller (LCD) Terminal Functions
PIN No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
EMA_D[15]/UHPI_HD[15]/LCD_D [15]/GP0[15]
M16
I/O
IPD
EMA_D[14]/UHPI_HD[14]/LCD_D[14]/GP0[14]
N14
I/O
IPD
EMA_D[13]/UHPI_HD[13]/LCD_D[13]/GP0[13]
N16
I/O
IPD
EMA_D[12]/UHPI_HD[12]/LCD_D[12]/GP0[12]
P14
I/O
IPD
EMIFA, UHPI,
GPIO
EMA_D[11]/UHPI_HD[11]/LCD_D[11 ]/GP0[11]
P16
I/O
IPD
EMA_D[10]/UHPI_HD[10]/LCD_D[10]/GP0[10]
R14
I/O
IPD
LCD data bus.
EMA_D[9]/UHPI_HD[9]/LCD_D[9]/GP0[9]
T14
I/O
IPD
EMA_D[8]/UHPI_HD[8]/LCD_D[8]/GP0[8]
N12
I/O
IPD
EMA_A[0]/LCD_D[7]/GP1[0]
T9
I/O
IPD
EMIFA, GPIO
EMA_A[3]/LCD_D[6]/GP1[3]
N9
I/O
IPD
EMIFA, UHPI,
EMA_BA[1]/LCD_D[5]/UHPI_HHWIL/GP1[13]
P8
I/O
IPU
GPIO
EMA_BA[0]/LCD_D[4]/GP1[14]
R8
I/O
IPU
EMA_A[4]/LCD_D[3]/GP1[4]
T10
I/O
IPD
EMA_A[5]/LCD_D[2]/GP1[5]
R10
I/O
IPD
LCD data bus.
EMA_A[6]/LCD_D[1]/GP1[6]
P10
I/O
IPD
EMA_A[7]/LCD_D[0]/GP1[7]
N10
I/O
IPD
EMIFA, GPIO
EMA_A[8]/LCD_PCLK/GP1[8]
T11
O
IPU
LCD pixel clock.
EMA_A[9]/LCD_HSYNC/GP1[9]
R11
O
IPU
LCD horizontal sync.
EMA_A[10]/LCD_VSYNC/GP1[10]
N8
O
IPU
LCD vertical sync.
LCD AC bias enable
EMA_A[11]/ LCD_AC_ENB_CS /GP1[11]
P11
O
IPU
chip select.
EMA_A[12]/LCD_MCLK/GP1[12]
N11
O
IPU
LCD memory clock.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.20 Reserved and No Connect
Table 3-22. Reserved and No Connect Terminal Functions
PIN No.
SIGNAL NAME
TYPE(1)
DESCRIPTION
ZKB
RSV1
F7
PWR
Reserved. (Leave unconnected, do not connect to power or ground.)
Reserved. For proper device operation, this pin must be tied directly to
RSV2
B1
PWR
CVDD.
NC
F3
-
No Connect (leave unconnected)
NC
H4
-
No Connect (leave unconnected)
(1)
PWR = Supply voltage.
32
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com