Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 144 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 140Page - Texas Instruments AM1707 Datasheet HTML 141Page - Texas Instruments AM1707 Datasheet HTML 142Page - Texas Instruments AM1707 Datasheet HTML 143Page - Texas Instruments AM1707 Datasheet HTML 144Page - Texas Instruments AM1707 Datasheet HTML 145Page - Texas Instruments AM1707 Datasheet HTML 146Page - Texas Instruments AM1707 Datasheet HTML 147Page - Texas Instruments AM1707 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.22.2 LCD Raster Mode
Table 6-84. LCD Raster Mode Timing
See Figure 6-55 through Figure 6-59
No.
PARAMETER
MIN
MAX
UNIT
1
tc(PIXEL_CLK)
Cycle time, pixel clock
26.6
ns
2
tw(PIXEL_CLK_H)
Pulse duration, pixel clock high
10
ns
3
tw(PIXEL_CLK_L)
Pulse duration, pixel clock low
10
ns
4
td(LCD_D_V)
Delay time, LCD_PCLK
↑ to LCD_D[15:0] valid (write)
0
12
ns
5
td(LCD_D_IV)
Delay time, LCD_PCLK
↑ to LCD_D[15:0] invalid (write)
0
12
ns
6
td(
LCD_AC_ENB_CS_A
)
Delay time, LCD_PCLK
↓ to LCD_AC_ENB_CS↑
S2 + 0 (1)
S2 + 12 (1)
ns
7
td(
LCD_AC_ENB_CS_I)
Delay time, LCD_PCLK
↓ to LCD_AC_ENB_CS↓
S2 + 0 (1)
S2 + 12 (1)
ns
8
td(LCD_VSYNC_A)
Delay time, LCD_PCLK
↓ to LCD_VSYNC↑
0
12
ns
9
td(LCD_VSYNC_I)
Delay time, LCD_PCLK
↓ to LCD_VSYNC↓
0
12
ns
10
td(LCD_HSYNC_A)
Delay time, LCD_PCLK
↑ to LCD_HSYNC↑
0
12
ns
11
td(LCD_HSYNC_I)
Delay time, LCD_PCLK
↑ to LCD_HSYNC↓
0
12
ns
(1)
S2 = SYSCLK2 cycle time in ns
Frame-to-frame timing is derived through the following parameters in the LCD (RASTER_TIMING_1)
register:
•
Vertical front porch (VFP)
•
Vertical sync pulse width (VSW)
•
Vertical back porch (VBP)
•
Lines per panel (LPP)
Line-to-line timing is derived through the following parameters in the LCD (RASTER_TIMING_0) register:
•
Horizontal front porch (HFP)
•
Horizontal sync pulse width (HSW)
•
Horizontal back porch (HBP)
•
Pixels per panel (PPL)
LCD_AC_ENB_CS timing is derived through the following parameter in the LCD (RASTER_TIMING_2)
register:
•
AC bias frequency (ACB)
The display format produced in raster mode is shown in Figure 6-55. An entire frame is delivered one line
at a time. The first line delivered starts at data pixel (1, 1) and ends at data pixel (P, 1). The last line
delivered starts at data pixel (1, L) and ends at data pixel (P, L). The beginning of each new frame is
denoted by the activation of I/O signal LCD_VSYNC. The beginning of each new line is denoted by the
activation of I/O signal LCD_HSYNC.
144
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com