Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCEA3 Datasheet(PDF) 47 Page - Texas Instruments

Part # AMPL138ZCEA3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCEA3 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AMPL138ZCEA3 Datasheet HTML 43Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 44Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 45Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 46Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 47Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 48Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 49Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 50Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 268 page
background image
3.9.13 Inter-Integrated Circuit Modules(I2C0, I2C1)
OMAP-L138 Low-Power Applications Processor
www.ti.com
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
Table 3-16. Inter-Integrated Circuit (I2C) Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
I2C0
SPI1_SCS[6] / I2C0_SDA / TM64P3_OUT12 / GP1[4]
G18
I/O
CP[11]
A
I2C0 serial data
SPI1_SCS[7] / I2C0_SCL / TM64P2_OUT12 / GP1[5]
G16
I/O
CP[11]
A
I2C0 serial clock
I2C1
SPI1_SCS[4] / UART2_TXD / I2C1_SDA / GP1[2]
F16
I/O
CP[12]
A
I2C1 serial data
SPI1_SCS[5] / UART2_RXD / I2C1_SCL / GP1[3]
F17
I/O
CP[12]
A
I2C1 serial clock
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module.The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are weakly pulled down. If the application requires a
pull-up, an external pull-up can be used.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
Submit Documentation Feedback
Device Overview
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com