Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCEA3 Datasheet(PDF) 14 Page - Texas Instruments

Part # AMPL138ZCEA3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCEA3 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMPL138ZCEA3 Datasheet HTML 10Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 11Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 12Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 13Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 14Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 15Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 16Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 17Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 268 page
background image
3.4.5
Advanced High-Performance Bus (AHB)
3.4.6
Embedded Trace Macrocell (ETM) and Embedded Trace Buffer (ETB)
3.4.7
ARM Memory Mapping
OMAP-L138 Low-Power Applications Processor
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
www.ti.com
The ARM Subsystem uses the AHB port of the ARM926EJ-S to connect the ARM to the Config bus and
the external memories. Arbiters are employed to arbitrate access to the separate D-AHB and I-AHB by the
Config Bus and the external memories bus.
To support real-time trace, the ARM926EJ-S processor provides an interface to enable connection of an
Embedded Trace Macrocell (ETM). The ARM926ES-J Subsystem in the OMAP-L138 also includes the
Embedded Trace Buffer (ETB). The ETM consists of two parts:
• Trace Port provides real-time trace capability for the ARM9.
• Triggering facilities provide trigger resources, which include address and data comparators, counter,
and sequencers.
The OMAP-L138 trace port is not pinned out and is instead only connected to the Embedded Trace Buffer.
The ETB has a 4KB buffer memory. ETB enabled debug tools are required to read/interpret the captured
trace data.
By default the ARM has access to most on and off chip memory areas, including the DSP Internal
memories, EMIFA, DDR2, and the additional 128K byte on chip shared SRAM. Likewise almost all of the
on chip peripherals are accessible to the ARM by default.
See Table 3-3 for a detailed top level OMAP-L138 memory map that includes the ARM memory space.
14
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com