Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCEA3 Datasheet(PDF) 81 Page - Texas Instruments

Part # AMPL138ZCEA3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCEA3 Datasheet(HTML) 81 Page - Texas Instruments

Back Button AMPL138ZCEA3 Datasheet HTML 77Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 78Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 79Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 80Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 81Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 82Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 83Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 84Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 268 page
background image
2000 N
Max PLL Lock Time =
m
where N = Pre-Divider Ratio
M = PLL Multiplier
6.6.2
Device Clock Generation
OMAP-L138 Low-Power Applications Processor
www.ti.com
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
Table 6-4. Allowed PLL Operating Conditions (PLL0 and PLL1)
Default
NO.
PARAMETER
MIN
MAX
UNIT
Value
1
PLLRST: Assertion time during initialization
N/A
1000
N/A
ns
Lock time: The time that the application has to
wait for the PLL to acquire lock before setting
OSCIN
2
N/A
N/A
PLLEN, after changing PREDIV, PLLM, or
cycles
OSCIN
3
PREDIV: Pre-divider value
/1
/1
/32
ns
4
PLLREF: PLL input frequency
12
50
MHz
5
PLLM: PLL multiplier values
x20
x4
x32
6
PLLOUT: PLL output frequency
N/A
400
600(1)
MHz
7
POSTDIV: Post-divider value
/1
/2(1)
/32
ns
(1)
PLL post divider / 2 must be used. The /4.5 clock path can be used to generate an EMIF clock from the undivided (i.e. 600 MHz) PLL
output clock.
PLL0 is controlled by PLL Controller 0 and PLL1 is controlled by PLL Controller 1. PLLC0 and PLLC1
manage the clock ratios, alignment, and gating for the system clocks to the chip. The PLLCs are
responsible for controlling all modes of the PLL through software, in terms of pre-division of the clock
inputs (PLLC0 only), multiply factors within the PLLs, and post-division for each of the chip-level clocks
from the PLLs outputs. PLLC0 also controls reset propagation through the chip, clock alignment, and test
points.
PLLC0 provides clocks for the majority of the system but PLLC1 provides clocks to the mDDR/DDR2
Controller and the ASYNC3 clock domain to provide frequency scaling immunity to a defined set or
peripherals. The ASYNC3 clock domain can either derive its clock from PLL1_SYSCLK2 (for frequency
scaling immunity from PLL0) or from PLL0_SYSCLK2 (for synchronous timing with PLL0) depending on
the application requirements. In addition, some peripherals have specific clock options independent of the
ASYNC clock domain.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com