Electronic Components Datasheet Search
  English  ▼

X  

74HC73DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC73DB
Description  Dual JK flip-flop with reset; negative-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC73DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC73DB Datasheet HTML 2Page - NXP Semiconductors 74HC73DB Datasheet HTML 3Page - NXP Semiconductors 74HC73DB Datasheet HTML 4Page - NXP Semiconductors 74HC73DB Datasheet HTML 5Page - NXP Semiconductors 74HC73DB Datasheet HTML 6Page - NXP Semiconductors 74HC73DB Datasheet HTML 7Page - NXP Semiconductors 74HC73DB Datasheet HTML 8Page - NXP Semiconductors 74HC73DB Datasheet HTML 9Page - NXP Semiconductors 74HC73DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74HC73_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 March 2008
6 of 16
NXP Semiconductors
74HC73
Dual JK flip-flop with reset; negative-edge trigger
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 8
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min Typ Max
Min
Max
Min
Max
tpd
propagation
delay
nCP to nQ; see Figure 6
[1]
VCC = 2.0 V
-
52
160
-
200
-
240
ns
VCC = 4.5 V
-
19
32
-
40
-
48
ns
VCC = 6.0 V
-
15
27
-
34
-
41
ns
VCC = 5.0 V; CL = 15 pF
-
16
-
-
-
-
-
ns
nCP to nQ; see Figure 6
VCC = 2.0 V
-
52
160
-
200
-
240
ns
VCC = 4.5 V
-
19
32
-
40
-
48
ns
VCC = 6.0 V
-
15
27
34
-
41
ns
VCC = 5.0 V; CL = 15 pF
-
16
-
-
ns
nR to nQ, nQ; see Figure 7
VCC = 2.0 V
-
50
145
-
180
-
220
ns
VCC = 4.5 V
-
18
29
-
36
-
44
ns
VCC = 6.0 V
-
14
25
31
-
38
ns
VCC = 5.0 V; CL = 15 pF
-
15
-
-
-
-
-
ns
tt
transition time nQ, nQ; see Figure 6
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
16
-
19
ns
tW
pulse width
nCP input, HIGH or LOW;
see Figure 6
VCC = 2.0 V
80
22
-
100
120
-
ns
VCC = 4.5 V
16
8
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
ns
nR input, HIGH or LOW;
see Figure 7
VCC = 2.0 V
80
22
-
100
120
-
ns
VCC = 4.5 V
16
8
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
ns
trec
recovery time
nR to nCP; see Figure 7
VCC = 2.0 V
80
22
-
100
120
-
ns
VCC = 4.5 V
16
8
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
ns
tsu
set-up time
nJ, nK to nCP; see Figure 6
VCC = 2.0 V
80
22
-
100
120
-
ns
VCC = 4.5 V
16
8
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com