Electronic Components Datasheet Search
  English  ▼

X  

74HC73DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC73DB
Description  Dual JK flip-flop with reset; negative-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC73DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC73DB Datasheet HTML 3Page - NXP Semiconductors 74HC73DB Datasheet HTML 4Page - NXP Semiconductors 74HC73DB Datasheet HTML 5Page - NXP Semiconductors 74HC73DB Datasheet HTML 6Page - NXP Semiconductors 74HC73DB Datasheet HTML 7Page - NXP Semiconductors 74HC73DB Datasheet HTML 8Page - NXP Semiconductors 74HC73DB Datasheet HTML 9Page - NXP Semiconductors 74HC73DB Datasheet HTML 10Page - NXP Semiconductors 74HC73DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74HC73_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 March 2008
7 of 16
NXP Semiconductors
74HC73
Dual JK flip-flop with reset; negative-edge trigger
[1]
tpd is the same as tPHL, tPLH.
[2]
tt is the same as tTHL, tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
th
hold time
nJ, nK to nCP; see Figure 6
VCC = 2.0 V
3
−8-
3
3
-
ns
VCC = 4.5 V
3
−3-
3
-
3
-
ns
VCC = 6.0 V
3
−2-
3
-
3
ns
fmax
maximum
frequency
nCP input; see Figure 6
VCC = 2.0 V
6.0
23
-
4.8
4.0
-
MHz
VCC = 4.5 V
30
70
-
24
-
20
-
MHz
VCC = 6.0 V
35
83
-
28
-
24
-
MHz
VCC = 5.0 V; CL = 15 pF
-
77
-
-
-
MHz
CPD
power
dissipation
capacitance
per flip-flop;
VI = GND to VCC
[3]
-30-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 8
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min Typ Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com