Electronic Components Datasheet Search
  English  ▼

X  

AM1707BZKB4 Datasheet(PDF) 67 Page - Texas Instruments

Part # AM1707BZKB4
Description  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707BZKB4 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM1707BZKB4 Datasheet HTML 63Page - Texas Instruments AM1707BZKB4 Datasheet HTML 64Page - Texas Instruments AM1707BZKB4 Datasheet HTML 65Page - Texas Instruments AM1707BZKB4 Datasheet HTML 66Page - Texas Instruments AM1707BZKB4 Datasheet HTML 67Page - Texas Instruments AM1707BZKB4 Datasheet HTML 68Page - Texas Instruments AM1707BZKB4 Datasheet HTML 69Page - Texas Instruments AM1707BZKB4 Datasheet HTML 70Page - Texas Instruments AM1707BZKB4 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 155 page
background image
EMB_CS
EMB_CAS
EMB_RAS
EMB_WE
EMB_CLK
EMB_SDCKE
EMB_BA[1:0]
EMB_A[12:0]
EMB_WE_DQM[0]
EMB_D[15:0]
EMIFB
CE
CAS
RAS
WE
CLK
CKE
BA[1:0]
A[12:0]
LDQM
DQ[15:0]
SDRAM
4Mx16x4
Bank
EMB_WE_DQM[1]
UDQM
EMB_WE_DQM[2]
EMB_D[31:16]
EMB_WE_DQM[3]
CE
CAS
RAS
WE
CLK
CKE
BA[1:0]
A[12:0]
LDQM
DQ[15:0]
SDRAM
4Mx16x4
Bank
UDQM
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
Figure 6-18. EMIFB to Dual 4M × 16 × 4 bank SDRAM Interface
Table 6-22. Example of 16-bit EMIFB Address Pin Connections
SDRAM Size
Width
Banks
Address Pins
64M bits
×16
4
SDRAM
A[11:0]
EMIFB
EMB_A[11:0]
128M bits
×16
4
SDRAM
A[11:0]
EMIFB
EMB_A[11:0]
256M bits
×16
4
SDRAM
A[12:0]
EMIFB
EMB_A[12:0]
512M bits
×16
4
SDRAM
A[12:0]
EMIFB
EMB_A[12:0]
Table 6-23 is a list of the EMIFB registers.
Table 6-23. EMIFB Controller Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0xB000 0000
MIDR
Module ID Register
0xB000 0008
SDCFG
SDRAM Configuration Register
0xB000 000C
SDRFC
SDRAM Refresh Control Register
0xB000 0010
SDTIM1
SDRAM Timing Register 1
0xB000 0014
SDTIM2
SDRAM Timing Register 2
0xB000 001C
SDCFG2
SDRAM Configuration 2 Register
0xB000 0020
BPRIO
Peripheral Bus Burst Priority Register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
67
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com