Electronic Components Datasheet Search
  English  ▼

X  

AM1707BZKB4 Datasheet(PDF) 24 Page - Texas Instruments

Part # AM1707BZKB4
Description  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707BZKB4 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AM1707BZKB4 Datasheet HTML 20Page - Texas Instruments AM1707BZKB4 Datasheet HTML 21Page - Texas Instruments AM1707BZKB4 Datasheet HTML 22Page - Texas Instruments AM1707BZKB4 Datasheet HTML 23Page - Texas Instruments AM1707BZKB4 Datasheet HTML 24Page - Texas Instruments AM1707BZKB4 Datasheet HTML 25Page - Texas Instruments AM1707BZKB4 Datasheet HTML 26Page - Texas Instruments AM1707BZKB4 Datasheet HTML 27Page - Texas Instruments AM1707BZKB4 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 155 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3.6.13 Multichannel Audio Serial Ports (McASP0, McASP1)
Table 3-15. Multichannel Audio Serial Ports (McASPs) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
McASP0
EMA_OE/AXR0[13]/GP2[7]
22
I/O
IPU
EMIFA, GPIO
EMIFA, GPIO,
EMA_WE/AXR0[12]/GP2[3]/BOOT[14]
55
I/O
IPU
BOOT
McASP2,
AXR0[11]/ AXR2[0]/GP3[11]
124
I/O
IPD
GPIO
UART1_TXD/AXR0[10]/GP3[10]
123
I/O
IPD
GPIO
UART1_RXD/AXR0[9]/GP3[9]
122
I/O
IPD
GPIO
AXR0[8]/MDIO_D/GP3[8]
121
I/O
IPU
McASP0 serial
MDIO, GPIO
AXR0[7]/MDIO_CLK/GP3[7]
120
I/O
IPD
data.
AXR0[6]/RMII_RXER/GP3[6]
118
I/O
IPD
AXR0[5]/RMII_RXD[1]/GP3[5]
117
I/O
IPD
AXR0[4]/RMII_RXD[0]/GP3[4]
116
I/O
IPD
AXR0[3]/RMII_CRS_DV/GP3[3]
115
I/O
IPD
EMAC, GPIO
AXR0[2]/RMII_TXEN/GP3[2]
113
I/O
IPD
AXR0[1]/RMII_TXD[1]/GP3[1]
112
I/O
IPD
AXR0[0]/RMII_TXD[0]/GP3[0]
111
I/O
IPD
McASP0
AHCLKX0/AHCLKX2/USB_REFCLKIN/GP2[11]
125
I/O
IPD
USB, GPIO
transmit master
clock.
McASP0
ACLKX0/ECAP0/APWM0/GP2[12]
126
I/O
IPD
eCAP0, GPIO
transmit bit
clock.
McASP0
AFSX0/GP2[13]/BOOT[10]
127
I/O
IPD
GPIO, BOOT
transmit frame
sync.
EMAC, GPIO,
McASP0 receive
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
129
I/O
IPD
BOOT
master clock.
McASP0 receive
ACLKR0/ECAP1/APWM1/GP2[15]
130
I/O
IPD
eCAP1, GPIO
bit clock.
McASP0 receive
AFSR0/GP3[12]
131
I/O
IPD
GPIO
frame sync.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
24
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com