Electronic Components Datasheet Search
  English  ▼

X  

TPS22902YFPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22902YFPR
Description  ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22902YFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22902YFPR Datasheet HTML 9Page - Texas Instruments TPS22902YFPR Datasheet HTML 10Page - Texas Instruments TPS22902YFPR Datasheet HTML 11Page - Texas Instruments TPS22902YFPR Datasheet HTML 12Page - Texas Instruments TPS22902YFPR Datasheet HTML 13Page - Texas Instruments TPS22902YFPR Datasheet HTML 14Page - Texas Instruments TPS22902YFPR Datasheet HTML 15Page - Texas Instruments TPS22902YFPR Datasheet HTML 16Page - Texas Instruments TPS22902YFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TPS22901 and TPS22902
Time ( s)
µ
–50
0
50
100
150
200
250
300
350
450
400
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
8.00
7.00
6.00
–1.00
0.00
1.00
2.00
3.00
4.00
5.00
–8.00
–7.00
–3.00
–5.00
–6.00
–2.00
–4.00
C = 0.1 F
R = 500
V
= 3.3 V
L
L
IN
µ
IOUT
VON
Time ( s)
µ
–10
0
10
20
30
40
50
60
70
90
80
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
400
350
300
–50
0.0
50
100
150
200
250
–400
–350
–150
–250
–300
–100
–200
C = 0.1 F
R = 11
V
= 3.3 V
L
L
IN
µ
IOUT
VON
Time ( s)
µ
–50
0
50
100
150
200
250
300
350
450
400
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
8.00
7.00
6.00
–1.00
0.00
0.005
1.00
2.00
3.00
4.00
5.00
–8.00
–7.00
–3.00
–5.00
–6.00
–2.00
–4.00
C = 3.3 F
R = 500
V
= 3.3 V
L
L
IN
µ
IOUT
VON
Time (µs)
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
400
350
300
–50
0.0
50
100
150
200
250
–400
–350
–150
–250
–300
–100
–200
C = 3.3 F
R = 11
V
= 3.3 V
L
L
IN
µ
IOUT
VON
–50
0
50
100
150
200
250
300
350
450
400
Time ( s)
µ
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
4.00
3.50
3.00
–0.50
0.00
0.50
1.00
1.50
2.00
2.50
–4.00
–3.50
–1.50
–2.50
–3.00
–1.00
–2.00
C = 0.1 F
R = 500
V
= 1.2 V
L
L
IN
µ
IOUT
VON
–50
0
50
100
150
200
250
300
350
450
400
Time ( s)
µ
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
199
180
160
–20
0.0
60
20
80
40
100
120
140
–200
–180
–80
–140
–160
–40
–60
–100
–120
C = 0.1 F
R = 11
V
= 1.2 V
L
L
IN
µ
IOUT
VON
–50
0
50
100
150
200
250
300
350
450
400
TPS22901, TPS22902, TPS22902B
www.ti.com............................................................................................................................................... SLVS803B – NOVEMBER 2008 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
Figure 18. tON Response
Figure 19. tON Response
Figure 20. tON Response
Figure 21. tON Response
Figure 22. tON Response
Figure 23. tON Response
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS22901 TPS22902 TPS22902B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com