Electronic Components Datasheet Search
  English  ▼

X  

TPS22902YFPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22902YFPR
Description  ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22902YFPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22902YFPR Datasheet HTML 17Page - Texas Instruments TPS22902YFPR Datasheet HTML 18Page - Texas Instruments TPS22902YFPR Datasheet HTML 19Page - Texas Instruments TPS22902YFPR Datasheet HTML 20Page - Texas Instruments TPS22902YFPR Datasheet HTML 21Page - Texas Instruments TPS22902YFPR Datasheet HTML 22Page - Texas Instruments TPS22902YFPR Datasheet HTML 23Page - Texas Instruments TPS22902YFPR Datasheet HTML 24Page - Texas Instruments TPS22902YFPR Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
PARAMETER MEASUREMENT INFORMATION
ON(A)
OFF
TPS22901/02
GND
GND
GND
RL
CL
VOUT
VIN
CIN =1 F
µ
+
–
90%
90%
VOUT
tr
tf
10%
10%
V
/2
OUT
VOUT
V
/2
OUT
V
/2
ON
V
/2
ON
VON
VON
0 V
0 V
1.8 V
VOH
VOL
tON
tOFF
TEST CIRCUIT
t
/t
WAVEFORMS
ON OFF
TPS22901, TPS22902, TPS22902B
www.ti.com............................................................................................................................................... SLVS803B – NOVEMBER 2008 – REVISED MARCH 2009
A.
trise and tfall of the control signal is 100 ns.
Figure 58. Test Circuit and tON/tOFF Waveforms
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS22901 TPS22902 TPS22902B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com