Electronic Components Datasheet Search
  English  ▼

X  

TPS22902YFPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22902YFPR
Description  ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22902YFPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS22902YFPR Datasheet HTML 12Page - Texas Instruments TPS22902YFPR Datasheet HTML 13Page - Texas Instruments TPS22902YFPR Datasheet HTML 14Page - Texas Instruments TPS22902YFPR Datasheet HTML 15Page - Texas Instruments TPS22902YFPR Datasheet HTML 16Page - Texas Instruments TPS22902YFPR Datasheet HTML 17Page - Texas Instruments TPS22902YFPR Datasheet HTML 18Page - Texas Instruments TPS22902YFPR Datasheet HTML 19Page - Texas Instruments TPS22902YFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TPS22902
Time ( s)
µ
–50
0
50
100
150
200
250
300
350
450
400
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
8.00
7.00
6.00
–1.00
0.00
1.00
2.00
3.00
4.00
5.00
–8.00
–7.00
–3.00
–5.00
–6.00
–2.00
–4.00
C = 0.1 F
R = 500
V
= 3.3 V
L
L
IN
µ
IOUT
VON
Time ( s)
µ
–10
0
10
20
30
40
50
60
70
90
80
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
400
350
300
–50
0.0
50
100
150
200
250
–400
–350
–150
–250
–300
–100
–200
C = 0.1 F
R = 11
V
= 3.3 V
L
L
IN
µ
IOUT
VON
Time (µs)
–200
0
200
400
600
800
1000
1200
1400
1800
1600
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
8.00
7.00
6.00
–1.00
0.00
1.00
2.00
3.00
4.00
5.00
–8.00
–7.00
–3.00
–5.00
–6.00
–2.00
–4.00
C = 3.3 F
R = 500
V
= 3.3 V
L
L
IN
µ
IOUT
VON
Time (µs)
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
400
350
300
–50
0.0
50
100
150
200
250
–400
–350
–150
–250
–300
–100
–200
C = 3.3 F
R = 11
V
= 3.3 V
L
L
IN
µ
IOUT
VON
–50
0
50
100
150
200
250
300
350
450
400
Time ( s)
µ
–50
0
50
100
150
200
250
300
350
450
400
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
4.00
3.50
3.00
–500
0.00
500
1.00
1.50
2.00
2.50
–4.00
–3.50
–1.50
–2.50
–3.00
–1.00
–2.00
C = 0.1 F
R = 500
V
= 1.2 V
L
L
IN
µ
IOUT
VON
Time ( s)
µ
–10
0
10
20
30
40
50
60
70
90
80
2.00
1.80
1.60
–0.40
–0.60
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
–2.00
–1.80
–1.00
–1.40
–1.60
–0.80
–1.20
200
180
160
–20
0.0
20
60
40
80
100
120
140
–200
–140
–160
–180
–60
–100
–120
–40
–80
C = 0.1 F
R = 11
V
= 1.2 V
L
L
IN
µ
IOUT
VON
TPS22901, TPS22902, TPS22902B
SLVS803B – NOVEMBER 2008 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 34. tOFF Response
Figure 35. tOFF Response
Figure 36. tOFF Response
Figure 37. tOFF Response
Figure 38. tOFF Response
Figure 39. tOFF Response
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22901 TPS22902 TPS22902B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com