Electronic Components Datasheet Search
  English  ▼

X  

TPS60150DRVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60150DRVT
Description  TPS60150 5V/140mA Charge Pump Device
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60150DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60150DRVT Datasheet HTML 3Page - Texas Instruments TPS60150DRVT Datasheet HTML 4Page - Texas Instruments TPS60150DRVT Datasheet HTML 5Page - Texas Instruments TPS60150DRVT Datasheet HTML 6Page - Texas Instruments TPS60150DRVT Datasheet HTML 7Page - Texas Instruments TPS60150DRVT Datasheet HTML 8Page - Texas Instruments TPS60150DRVT Datasheet HTML 9Page - Texas Instruments TPS60150DRVT Datasheet HTML 10Page - Texas Instruments TPS60150DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
20
s/div
m
20
s/div
m
5ms/div
5ms/div
500ns/div
500ns/div
TPS60150
www.ti.com.................................................................................................................................................. SLVS888A – DECEMBER 2008 – REVISED APRIL 2009
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
VIN = 2.7 V, Io = 30 mA to 50 mA
VIN = 3.6 V, Io = 60 mA to 100 mA
Figure 9.
Figure 10.
OUTPUT RIPPLE VOLTAGE (SKIP MODE)
OUTPUT RIPPLE VOLTAGE (SKIP MODE)
VIN = 2.7 V, Io = 0 mA
VIN = 3.6 V, Io = 0 mA
Figure 11.
Figure 12.
OUTPUT RIPPLE VOLTAGE (NORMAL MODE)
OUTPUT RIPPLE (NORMAL MODE)
VIN = 2.7 V, Io = 50 mA
VIN = 3.6 V, Io = 100 mA
Figure 13.
Figure 14.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS60150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com