Electronic Components Datasheet Search
  English  ▼

X  

TPS60150DRVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60150DRVT
Description  TPS60150 5V/140mA Charge Pump Device
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60150DRVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS60150DRVT Datasheet HTML 1Page - Texas Instruments TPS60150DRVT Datasheet HTML 2Page - Texas Instruments TPS60150DRVT Datasheet HTML 3Page - Texas Instruments TPS60150DRVT Datasheet HTML 4Page - Texas Instruments TPS60150DRVT Datasheet HTML 5Page - Texas Instruments TPS60150DRVT Datasheet HTML 6Page - Texas Instruments TPS60150DRVT Datasheet HTML 7Page - Texas Instruments TPS60150DRVT Datasheet HTML 8Page - Texas Instruments TPS60150DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS60150
SLVS888A – DECEMBER 2008 – REVISED APRIL 2009.................................................................................................................................................. www.ti.com
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VI
Input voltage range (all pins)
–0.3 to 7
V
HBM ESD Rating (2)
2
kV
CDM ESD Rating(3)
500
V
MM ESD Rating (4)
200
V
TA
Operating temperature range
–40 to 85
°C
TJ
Maximum operating junction temperature
150
°C
Tst
Storage temperature
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The Human body model (HBM) is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The testing is done according
JEDECs EIA/JESD22-A114.
(3)
Charged Device Model
(4)
Machine Model (MM) is a 200pF capacitor discharged through a 500nH inductor with no series resistor into each pin. The testing is
done according JEDECs EIA/JESD22-A115.
THERMAL RESISTANCE
TA = 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
R
ΘJA
POWER RATING
ABOVE TA = 25°C
POWER RATING
Low-K(1) DRV
140°C/W
715 mW
7.1 mW/°C
285 mW
High-K(2) DRV
65°C/W
1540 mW
15.4 mW/°C
615 mW
(1)
The JEDEC low-K (1s) board used to derive this data was a 3inx3in, two-layer board with 2-ounce copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3inx3in, multilayer board with 1-ounce internal power and ground planes
and 2-ounce copper traces on top and bottom of the board.
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.7
5.5
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
Cin
Input capacitor
2.2
µF
Co
Output capacitor
2.2
µF
Cf
Flying capacitor
1.0
µF
VIN=3.6V, TA = –40°C to 85°C, typical values are at TA = 25°C, C1 = C3 = 2.2µF, C2 = 1.0µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER STAGE
VIN
Input voltage range
2.7
5.5
V
VUVLO
Undervoltage lockout threshold
1.9
2.1
IQ
Operating quiescent current
IOUT = 140 mA, Enable = VIN
4.7
mA
IQskip
Skip mode operating quiescent
IOUT = 0 mA, Enable=VIN (No switching)
80
µA
current
IOUT = 0 mA, Enable = VIN(Minimum switching)
90
µA
ISD
Shut down current
2.7 V
≤ VIN ≤ 5.5 V, Enable = 0 V
1
µA
VOUT
Output voltage(1)
IOUT ≤ 50 mA, 2.7 V ≤ VIN < 5.5V
4.8
5.0
5.2
V
VOUT(skip)
Skip mode output voltage
IOUT = 0 mA, 2.7 V ≤ VIN ≤ 5.5 V
VOUT+0.1
V
FSW
Switching frequency
1.5
MHz
(1)
When in skip mode, Output voltage can exceed VOUT spec because VOUT(skip)=VOUT+0.1.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS60150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com