Electronic Components Datasheet Search
  English  ▼

X  

TPS60150DRVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60150DRVT
Description  TPS60150 5V/140mA Charge Pump Device
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60150DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60150DRVT Datasheet HTML 9Page - Texas Instruments TPS60150DRVT Datasheet HTML 10Page - Texas Instruments TPS60150DRVT Datasheet HTML 11Page - Texas Instruments TPS60150DRVT Datasheet HTML 12Page - Texas Instruments TPS60150DRVT Datasheet HTML 13Page - Texas Instruments TPS60150DRVT Datasheet HTML 14Page - Texas Instruments TPS60150DRVT Datasheet HTML 15Page - Texas Instruments TPS60150DRVT Datasheet HTML 16Page - Texas Instruments TPS60150DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
´
´
´
=
´
´
OUT
OUT
IN
OUT
Q
IN
IN
V
I
PD(out)
Efficiency(%) =
100 =
100 , I
2
I
+ I
PD(in)
V
I
(4)
(
)
OUT
IN
OUT
IN
V
Efficiency(%) =
× 100 I
= 2
I
Quiescent current was neglected.
2 × V
´
(5)
PCB LAYOUT
C2
TPS60150
www.ti.com.................................................................................................................................................. SLVS888A – DECEMBER 2008 – REVISED APRIL 2009
The efficiency of the charge pump regulator varies with the output voltage, the applied input voltage and the load
current.
The approximate efficiency in normal operating mode is given by:
Large transient currents flow in the VIN, VOUT, and GND traces. To minimize both input and output ripple, keep
the capacitors as close as possible to the regulator using short, direct circuit traces.
Figure 26. Recommended PCB Layout
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS60150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com