Electronic Components Datasheet Search
  English  ▼

X  

74LVC169D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC169D
Description  Presettable synchronous 4-bit up/down binary counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC169D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC169D Datasheet HTML 5Page - NXP Semiconductors 74LVC169D Datasheet HTML 6Page - NXP Semiconductors 74LVC169D Datasheet HTML 7Page - NXP Semiconductors 74LVC169D Datasheet HTML 8Page - NXP Semiconductors 74LVC169D Datasheet HTML 9Page - NXP Semiconductors 74LVC169D Datasheet HTML 10Page - NXP Semiconductors 74LVC169D Datasheet HTML 11Page - NXP Semiconductors 74LVC169D Datasheet HTML 12Page - NXP Semiconductors 74LVC169D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74LVC169_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 8 June 2009
9 of 22
NXP Semiconductors
74LVC169
Presettable synchronous 4-bit up/down binary counter
9.
Static characteristics
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.2 V
VCC
--
VCC
-V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 1.2 V
-
-
GND
-
GND
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VOH
HIGH-level
output
voltage
VI =VIH or VIL
IO = −100 µA; VCC = 2.7 V to 3.6 V VCC − 0.2
VCC
-VCC − 0.3
-
V
IO = −12 mA; VCC = 2.7 V
2.2
-
-
2.05
-
V
IO = −18 mA; VCC = 3.0 V
2.4
-
-
2.25
-
V
IO = −24 mA; VCC = 3.0 V
2.2
-
-
2.0
-
V
VOL
LOW-level
output
voltage
VI =VIH or VIL
IO = 100 µA; VCC = 2.7 V to 3.6 V
-
GND
0.2
-
0.3
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
II
input leakage
current
VCC = 3.6 V; VI = 5.5 V or GND
-
±0.1
±5-
±20
µA
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-
0.1
10
-
40
µA
∆ICC
additional
supply
current
per input pin; VCC = 1.65 V to 3.6 V;
VI =VCC − 0.6 V; IO =0A
-
5
500
-
5000
µA
CI
input
capacitance
VCC = 0 V to 3.6 V; VI = GND to VCC
-
5.0
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com