Electronic Components Datasheet Search
  English  ▼

X  

74LVC169D Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC169D
Description  Presettable synchronous 4-bit up/down binary counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC169D Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC169D Datasheet HTML 10Page - NXP Semiconductors 74LVC169D Datasheet HTML 11Page - NXP Semiconductors 74LVC169D Datasheet HTML 12Page - NXP Semiconductors 74LVC169D Datasheet HTML 13Page - NXP Semiconductors 74LVC169D Datasheet HTML 14Page - NXP Semiconductors 74LVC169D Datasheet HTML 15Page - NXP Semiconductors 74LVC169D Datasheet HTML 16Page - NXP Semiconductors 74LVC169D Datasheet HTML 17Page - NXP Semiconductors 74LVC169D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
74LVC169_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 8 June 2009
14 of 22
NXP Semiconductors
74LVC169
Presettable synchronous 4-bit up/down binary counter
[1]
The circuit preforms better when RL = 1000 kΩ.
Test data is given in Table 9.
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 13. Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Table 9.
Test data
Supply voltage
Input
Load
S1 position
VI
tr, tf
CL
RL
tPLH: tPHL
1.2 V
VCC
≤ 2.0 ns
30 pF
500
Ω[1]
open
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com