Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TL431
Description  Adjustable precision shunt regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TL431 Datasheet HTML 15Page - NXP Semiconductors TL431 Datasheet HTML 16Page - NXP Semiconductors TL431 Datasheet HTML 17Page - NXP Semiconductors TL431 Datasheet HTML 18Page - NXP Semiconductors TL431 Datasheet HTML 19Page - NXP Semiconductors TL431 Datasheet HTML 20Page - NXP Semiconductors TL431 Datasheet HTML 21Page - NXP Semiconductors TL431 Datasheet HTML 22Page - NXP Semiconductors TL431 Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TL431_FAM_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2010
19 of 23
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
15. Package outline
16. Packing information
[1]
For further information and the availability of packing methods, see Section 20.
Fig 32. Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 11.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
TL431CDBZR
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
TL431IDBZR
TL431QDBZR
TL431SDT
TL431MSDT
TL431ACDBZR
TL431AIDBZR
TL431AQDBZR
TL431ASDT
TL431AMSDT
TL431BCDBZR
TL431BIDBZR
TL431BQDBZR
TL431BSDT
TL431BMSDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com