Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TL431
Description  Adjustable precision shunt regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431 Datasheet(HTML) 3 Page - NXP Semiconductors

  TL431 Datasheet HTML 1Page - NXP Semiconductors TL431 Datasheet HTML 2Page - NXP Semiconductors TL431 Datasheet HTML 3Page - NXP Semiconductors TL431 Datasheet HTML 4Page - NXP Semiconductors TL431 Datasheet HTML 5Page - NXP Semiconductors TL431 Datasheet HTML 6Page - NXP Semiconductors TL431 Datasheet HTML 7Page - NXP Semiconductors TL431 Datasheet HTML 8Page - NXP Semiconductors TL431 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TL431_FAM_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2010
3 of 23
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
6.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
7.
Functional diagram
The TL431 family comprises a range of 3-terminal adjustable shunt regulators, with
specified thermal stability over applicable automotive and commercial temperature
ranges. The output voltage may be set to any value between Vref (approximately 2.5 V)
and 36 V with two external resistors (see Figure 8). These devices have a typical output
impedance of 0.2
Ω. Active output circuitry provides a very sharp turn-on characteristic,
making these devices excellent replacements for Zener diodes in many applications like
on-board regulation, adjustable power supplies and switching power supplies.
Table 4.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
TL431CDBZR
CA*
TL431ASDT
RL*
TL431IDBZR
CB*
TL431AMSDT
LQ*
TL431QDBZR
CC*
TL431BCDBZR
CG*
TL431SDT
RM*
TL431BIDBZR
CH*
TL431MSDT
LR*
TL431BQDBZR
CJ*
TL431ACDBZR
CD*
TL431BSDT
MA*
TL431AIDBZR
CE*
TL431BMSDT
MB*
TL431AQDBZR
CF*
-
-
Fig 1.
Functional diagram
Vref
ANODE
CATHODE
REF
006aab569



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com