Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TL431
Description  Adjustable precision shunt regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TL431 Datasheet HTML 10Page - NXP Semiconductors TL431 Datasheet HTML 11Page - NXP Semiconductors TL431 Datasheet HTML 12Page - NXP Semiconductors TL431 Datasheet HTML 13Page - NXP Semiconductors TL431 Datasheet HTML 14Page - NXP Semiconductors TL431 Datasheet HTML 15Page - NXP Semiconductors TL431 Datasheet HTML 16Page - NXP Semiconductors TL431 Datasheet HTML 17Page - NXP Semiconductors TL431 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
TL431_FAM_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2010
14 of 23
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
IK =10mA; Tamb =25 °CIK =10mA; Tamb =25 °C
Fig 17. All types except TL431XSDT:
Dynamic cathode-anode impedance as a
function of frequency; typical values
Fig 18. TL431XSDT:
Dynamic cathode-anode impedance as a
function of frequency; typical values
IK =10mA; Tamb =25 °C
Fig 19. Test circuit to Figure 17 and Figure 18
006aab585
10
1
102
ZKA
(
Ω)
10−1
f (kHz)
1104
103
10
102
006aab586
10
1
102
ZKA
(
Ω)
10−1
f (kHz)
1104
103
10
102
006aab587
GND
VKA
IK
50
Ω
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com