Electronic Components Datasheet Search
  English  ▼

X  

ADC1015S Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ADC1015S
Description  Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1015S Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ADC1015S Datasheet HTML 9Page - NXP Semiconductors ADC1015S Datasheet HTML 10Page - NXP Semiconductors ADC1015S Datasheet HTML 11Page - NXP Semiconductors ADC1015S Datasheet HTML 12Page - NXP Semiconductors ADC1015S Datasheet HTML 13Page - NXP Semiconductors ADC1015S Datasheet HTML 14Page - NXP Semiconductors ADC1015S Datasheet HTML 15Page - NXP Semiconductors ADC1015S Datasheet HTML 16Page - NXP Semiconductors ADC1015S Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Typical values measured at VDDA(3V) =3 V, VDDO = 1.8 V, VDDA(5V) =5V; Tamb =25 °C and CL = 5 pF; minimum and maximum values are across the full temperature range
Tamb = −40 °C to +85 °C at VDDA(3V) =3 V, VDDO =1.8 V, VDDA(5V) =5V, VINP − VINM = −1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise
specified.
[2]
Measured between 20 % to 80 % of VDDO.
[3]
Rise time measured from
−50 mV to +50 mV; fall time measured from +50 mV to −50 mV.
LVDS DDR mode timing output: pins D9P to D0P, D9M to D0M, DAVP and DAVM
tPD
propagation
delay
DATA
-3.9
--3.9
--
3.9
--3.9
-ns
DAV
-
4.2
--4.2
--
4.2
--4.2
-ns
tsu
set-up time
-5.1
--3.5
--
2.1
--1.4
-ns
th
hold time
-2.0
--2.0
--
2.0
--2.0
-ns
tr
rise time[3]
DATA
50
100
200
50
100
200
50
100
200
50
100
200
ps
DAV
50
100
200
50
100
200
50
100
200
50
100
200
ps
tf
fall time[3]
DATA
50
100
200
50
100
200
50
100
200
50
100
200
ps
Table 8.
Clock and digital output timing characteristics[1] …continued
Symbol
Parameter
Conditions
ADC1015S065
ADC1015S080
ADC1015S105
ADC1015S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com