Electronic Components Datasheet Search
  English  ▼

X  

ADC1213D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ADC1213D
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D Datasheet(HTML) 2 Page - NXP Semiconductors

  ADC1213D Datasheet HTML 1Page - NXP Semiconductors ADC1213D Datasheet HTML 2Page - NXP Semiconductors ADC1213D Datasheet HTML 3Page - NXP Semiconductors ADC1213D Datasheet HTML 4Page - NXP Semiconductors ADC1213D Datasheet HTML 5Page - NXP Semiconductors ADC1213D Datasheet HTML 6Page - NXP Semiconductors ADC1213D Datasheet HTML 7Page - NXP Semiconductors ADC1213D Datasheet HTML 8Page - NXP Semiconductors ADC1213D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ADC1213D_SER_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 05 — 23 April 2010
2 of 41
NXP Semiconductors
ADC1213D series
ADC1213D series
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Sampling
frequency
(Msps)
Package
Name
Description
Version
ADC1213D125HN/C1
125
HVQFN56
plastic thermal enhanced very thin quad flat package;
no leads; 56 terminals; body 8
× 8 × 0.85 mm
SOT684-7
ADC1213D105HN/C1
105
HVQFN56
plastic thermal enhanced very thin quad flat package;
no leads; 56 terminals; body 8
× 8 × 0.85 mm
SOT684-7
ADC1213D080HN/C1
80
HVQFN56
plastic thermal enhanced very thin quad flat package;
no leads; 56 terminals; body 8
× 8 × 0.85 mm
SOT684-7
ADC1213D065HN/C1
65
HVQFN56
plastic thermal enhanced very thin quad flat package;
no leads; 56 terminals; body 8
× 8 × 0.85 mm
SOT684-7
Fig 1.
Block diagram
ERROR
CORRECTION AND
DIGITAL
PROCESSING
CLOCK INPUT
STAGE & DUTY
CYCLE CONTROL
ADCA CORE
12-BIT
PIPELINED
T/H
INPUT
STAGE
ERROR
CORRECTION AND
DIGITAL
PROCESSING
CLOCK INPUT
STAGE & DUTY
CYCLE CONTROL
SYSTEM
REFERENCE AND
POWER
MANAGEMENT
ADCB CORE
12-BIT
PIPELINED
T/H
INPUT
STAGE
ADC1213D
DLL
PLL
SERIALIZER A
SPI
OUTPUT
BUFFER A
SERIALIZER B
OUTPUT
BUFFER B
8-bit
8-bit
INAP
INAM
CLKP
CLKM
INBP
SCRAMBLER
RESET
INBM
8-bit
8-bit
10-bit
10-bit
SWING_n
SWING_n
SYNCP
SCLK/DCS
CFG (0 to 3)
SDIO/DCS
CS
SYNCN
CMLNB
CMLPB
CMLNA
CMLPA
OTR
D11 to D0
D11 to D0
OTR
005aaa120
REFAT
REFAB
REFBB
REFBT
VCMA
VREF
SENSE
VCMB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com