Electronic Components Datasheet Search
  English  ▼

X  

ADC1213D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ADC1213D
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ADC1213D Datasheet HTML 9Page - NXP Semiconductors ADC1213D Datasheet HTML 10Page - NXP Semiconductors ADC1213D Datasheet HTML 11Page - NXP Semiconductors ADC1213D Datasheet HTML 12Page - NXP Semiconductors ADC1213D Datasheet HTML 13Page - NXP Semiconductors ADC1213D Datasheet HTML 14Page - NXP Semiconductors ADC1213D Datasheet HTML 15Page - NXP Semiconductors ADC1213D Datasheet HTML 16Page - NXP Semiconductors ADC1213D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
ADC1213D_SER_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 05 — 23 April 2010
13 of 41
NXP Semiconductors
ADC1213D series
ADC1213D series
13. SPI timing
[1]
Typical values measured at VDDA =3V, VDDD = 1.8 V, Tamb =25 °C. Minimum and maximum values are across the full temperature
range Tamb = −40 °C to +85 °C at VDDA =3 V, VDDD = 1.8 V; VI (INAP, INBP) − VI (INAM,INBM) = −1 dBFS; internal reference mode;
100
Ω differential applied to serial outputs; unless otherwise specified.
14. Application information
14.1 Analog inputs
14.1.1 Input stage description
The analog input of the ADC1213D supports differential or single-ended input drive.
Optimal performance is achieved using differential inputs with the common-mode input
voltage (VI(cm)) on pins INxP and INxM set to 0.5VDDA.
The full scale analog input voltage range is configurable between
± 1 V (p-p) and
± 2 V (p-p) via a programmable internal reference (see Section 14.2 and Table 21 for
further details).
Figure 6 shows the equivalent circuit of the sample and hold input stage, including
ElectroStatic Discharge (ESD) protection and circuit and package parasitics.
Table 8.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Serial Peripheral Interface timings
tw(SCLK)
SCLK pulse width
40
-
-
ns
tw(SCLKH)
SCLK HIGH pulse width
16
-
-
ns
tw(SCLKL)
SCLK LOW pulse width
16
-
-
ns
tsu
set-up time
data to SCLKH
5
-
-
ns
CS to SCLKH
5
-
-
ns
th
hold time
data to SCLKH
2
-
-
ns
CS to SCLKH
2
-
-
ns
fclk(max)
maximum clock frequency
-
-
25
MHz
Fig 5.
SPI timings
tsu
SDIO
SCLK
R/W
W1
W0
A12
A11
D2
D1
D0
tsu
th
th
tw(SCLK)
005aaa065
CS
tw(SCLKL)
tw(SCLKH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com