Electronic Components Datasheet Search
  English  ▼

X  

ADC1213D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ADC1213D
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ADC1213D Datasheet HTML 17Page - NXP Semiconductors ADC1213D Datasheet HTML 18Page - NXP Semiconductors ADC1213D Datasheet HTML 19Page - NXP Semiconductors ADC1213D Datasheet HTML 20Page - NXP Semiconductors ADC1213D Datasheet HTML 21Page - NXP Semiconductors ADC1213D Datasheet HTML 22Page - NXP Semiconductors ADC1213D Datasheet HTML 23Page - NXP Semiconductors ADC1213D Datasheet HTML 24Page - NXP Semiconductors ADC1213D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ADC1213D_SER_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 05 — 23 April 2010
21 of 41
NXP Semiconductors
ADC1213D series
ADC1213D series
14.5 JESD204A serializer
14.5.1 Digital JESD204A formatter
The block placed after the ADC cores is used to implement all functionalities of the
JESD204A standard. This ensures signal integrity and guarantees the clock and the data
recovery at the receiver side.
The block is highly parameterized and can be configured in various ways depending on
the sampling frequency and the number of lanes used.
Fig 20. CML output connection to the receiver in AC coupling
CMLPA/CMLPB
CMLNA/CMLNB
12 mA to 26 mA
100
Ω
50
Ω
10 nF
10 nF
005aaa083
VDDD
−
+
RECEIVER
Fig 21. General overview of the JESD204A serializer
FRAME
TO
OCTETS
F octets
SCRAMBLER
TX transport layer
CF: position of controls bits
HD: frame boundary break
Padding with Tails bits (TT)
Mx(N'xS) bits
Lx(F) octets
L octets
N' = N+CS
S samples per frame cycle
samples stream to
lane stream mapping
N bits from Cr0 +
CS bits for control
N bits from CrM−1 +
CS bits for control
M CONVERTERS
L LANES
LANE1
FRAME
TO
OCTETS
F octets
SCRAMBLER
8-bit/
10-bit
SER
TX CONTROLLER
LANE0
8-bit/
10-bit
SER
ALIGNMENT
CHARACTER
GENERATOR
ALIGNMENT
CHARACTER
GENERATOR
SYNC~
005aaa084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com