Electronic Components Datasheet Search
  English  ▼

X  

PA98 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA98
Description  Power Operational Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA98 Datasheet(HTML) 3 Page - Cirrus Logic

  PA98 Datasheet HTML 1Page - Cirrus Logic PA98 Datasheet HTML 2Page - Cirrus Logic PA98 Datasheet HTML 3Page - Cirrus Logic PA98 Datasheet HTML 4Page - Cirrus Logic PA98 Datasheet HTML 5Page - Cirrus Logic PA98 Datasheet HTML 6Page - Cirrus Logic PA98 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PA98 • PA98A
PA98U
3
P r o d u c t I n n o v a t i o n F r o m
NOTES: * ThespecificationofPA98AisidenticaltothespecificationforPA98inapplicablecolumntotheleft.
1. Unlessotherwisenoted:T
C=25°C,compensation=CC=68pF,RC=100Ω.DCinputspecifications
are±valuegiven.Powersupplyvoltageistypicalrating.
2. Longtermoperationatthemaximumjunctiontemperaturewillresultinreducedproductlife.Derate
internalpowerdissipationtoachievehighMTTF.Ratingsapplyonlytooutputtransistors.Anaddi-
tional10Wmaybedissipatedduetoquiescentpower.
3. Doublesforevery10°Coftemperatureincrease.
4. +V
S and –VSdenotethepositiveandnegativepowersupplyrailrespectively.
5. Ratingappliesiftheoutputcurrentalternatesbetweenbothoutputtransistorsataratefasterthan
60Hz.
6. Deratemaxsupplyrating0.625V/°Cbelow25°Ccase.Noderatingneededabove25°Ccase.
Parameter
Test Condi-
tions1
PA98
PA98A
Units
Min
Typ
Max
Min
Typ
Max
NOISE
100kHzBW,
R
S=1KΩ,
C
C=10pf
1
*
µVRMS
GAIN
OPENLOOPGAIN@15Hz
R
L=2KΩ,
C
C = OPEN
96
111
*
*
dB
GAINBANDWIDTHPRODUCT
@1MHz
R
L =2KΩ,
C
C=3.3pf
100
*
MHz
POWERBANDWIDTH
C
C=10pf
300
*
kHz
C
C=3.3pf
500
*
kHz
PHASEMARGIN
Fulltemprange
60
*
°
OUTPUT
VOLTAGE SWING (Note 4)
I
O = ±200mA
±V
S - 10
±V
S-6.5
*
*
V
VOLTAGE SWING (Note 4)
I
O = ±75mA
±V
S-8.5 ±VS-6.0
*
*
V
VOLTAGE SWING (Note 4)
I
O = ±20mA
±V
S-8.0 ±VS-5.5
*
*
V
CURRENT,continuous
T
C=85°C
±200
*
mA
SLEW RATE, A
V = 20
C
C=10pf
400
*
V/µS
SLEW RATE, A
V = 100
C
C = OPEN
1000
700
*
V/µS
CAPACITIVELOAD,A
V=+1
Fulltemprange
470
*
pF
SETTLINGTIMEto0.1%
C
C = 10pf,
2V step
1
*
µS
RESISTANCE, no load
R
CL = 0
50
*
Ω
POWER SUPPLY
VOLTAGE
(Note 6) Fulltemprange
±15
±150
±225
*
*
*
V
CURRENT,quiescent
21
25
*
*
mA
THERMAL
RESISTANCE, AC,
junctiontocase(Note5)
Fulltemprange,
F > 60Hz
2.5
*
°C/W
RESISTANCE,DC,
junctiontocase
Fulltemprange,
F < 60Hz
4.2
*
°C/W
RESISTANCE,junctiontoair
Fulltemprange
30
*
°C/W
TEMPERATURERANGE,case Meetsfullrange
specifications
-25
+85
*
*
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com