Electronic Components Datasheet Search
  English  ▼

X  

PA98 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA98
Description  Power Operational Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA98 Datasheet(HTML) 4 Page - Cirrus Logic

  PA98 Datasheet HTML 1Page - Cirrus Logic PA98 Datasheet HTML 2Page - Cirrus Logic PA98 Datasheet HTML 3Page - Cirrus Logic PA98 Datasheet HTML 4Page - Cirrus Logic PA98 Datasheet HTML 5Page - Cirrus Logic PA98 Datasheet HTML 6Page - Cirrus Logic PA98 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA98 • PA98A
4
PA98U
P r o d u c t I n n o v a t i o n F r o m
CURRENT LIMIT
RESISTOR VALUE, R
CL (Ω)
2
10
5
1
300
50
20
20
500
100
200
30
POWER SUPPLY REJECTION
FREQUENCY, F (Hz)
10
1K
100
1
100
40
20
10K
120
60
80
140
1M
100K
COMMON MODE REJECTION
FREQUENCY, F (Hz)
10K
1M
100K
1K
100
40
20
10M
120
60
80
140
C
C = 10pF
INPUT NOISE VOLTAGE
FREQUENCY, F (Hz)
100
10K
1K
10
10
3
2
100K
15
5
7
20
HARMONIC DISTORTION
FREQUENCY, F (Hz)
100
10K
1K
10
.03
.003
.001
100K
.05
.005
.01
A
V = 30
P
O = 15W
C
C = 10pF
R
L = 1KΩ
SLEW RATE
EXT. COMPENSATION CAPACITOR, C
C (pF)
15
45
30
0
500
200
100
60
1000
75
90
SMALL SIGNAL RESPONSE
FREQUENCY, F (Hz)
200K
2M
500K
50K
250
125
100
75
50
25
5M
500
R
L = 2KΩ
SMALL SIGNAL RESPONSE
OUTPUT CURRENT, I
O (mA)
50
200
150
100
0
9
8
7
6
5
4
250
10
T
C =
-55°C
TC = 25°C
SMALL SIGNAL RESPONSE
FREQUENCY, F (Hz)
100 1K
1M
100K
10K
10M
10
80
60
40
20
0
-20
C
C = 3.3pF
C
C = 10pF
C
C = 68pF
20M
120
100
QUIESCENT CURRENT
TOTAL SUPPLY VOLTAGE, V
S (V)
100
200
450
400
300
0
1.15
1.10
1.05
1.00
.95
.90
TC =
125°C
T
C = -55°C
T
C =
25°C
1.20
PHASE RESPONSE
FREQUENCY, F (Hz)
1M
10M
40M
.2M
0
-45
-90
-135
-180
-225
-270
C
C = 68pF
C
C = 3.3pF
C
C = 10pF
POWER DERATING
CASE TEMPERATURE, T
C (°C)
25
50
125
100
75
150
0
40
32
24
16
8
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com