Electronic Components Datasheet Search
  English  ▼

X  

BC368 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC368
Description  NPN medium power transistor; 20 V, 1 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC368 Datasheet(HTML) 2 Page - NXP Semiconductors

  BC368 Datasheet HTML 1Page - NXP Semiconductors BC368 Datasheet HTML 2Page - NXP Semiconductors BC368 Datasheet HTML 3Page - NXP Semiconductors BC368 Datasheet HTML 4Page - NXP Semiconductors BC368 Datasheet HTML 5Page - NXP Semiconductors BC368 Datasheet HTML 6Page - NXP Semiconductors BC368 Datasheet HTML 7Page - NXP Semiconductors BC368 Datasheet HTML 8Page - NXP Semiconductors BC368 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2004 Nov 05
2
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BC368
FEATURES
• High current.
APPLICATIONS
• Linear voltage regulators
• Low side switch
• Supply line switch for negative voltages
• MOSFET driver
• Audio (pre-) amplifier.
QUICK REFERENCE DATA
DESCRIPTION
NPN medium power transistor (see “Simplified outline,
symbol and pinning” for package details).
SYMBOL
PARAMETER
MIN.
MAX. UNIT
VCEO
collector-emitter
voltage
−
20
V
IC
collector current (DC)
−
1
A
ICM
peak collector current
−
2
A
hFE
DC current gain
85
375
−
PRODUCT OVERVIEW
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
MARKING CODE
PNP COMPLEMENT
PHILIPS
EIAJ
BC368
SOT54
SC-43A
C368
BC369
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
BC368
1
base
2
collector
3
emitter
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BC368
SC-43A
plastic single-ended (through hole) package; 3 leads
SOT54
handbook, halfpage1
3
2
MAM259
2
1
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com