Electronic Components Datasheet Search
  English  ▼

X  

CS5361 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5361
Description  114 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5361 Datasheet HTML 11Page - Cirrus Logic CS5361 Datasheet HTML 12Page - Cirrus Logic CS5361 Datasheet HTML 13Page - Cirrus Logic CS5361 Datasheet HTML 14Page - Cirrus Logic CS5361 Datasheet HTML 15Page - Cirrus Logic CS5361 Datasheet HTML 16Page - Cirrus Logic CS5361 Datasheet HTML 17Page - Cirrus Logic CS5361 Datasheet HTML 18Page - Cirrus Logic CS5361 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
CS5361
DS467F2
15
FILT+
AINL+
AINL-
V
D
0.01
µF
A/D CONVERTER
SCLK
CS5361
M/S
MCLK
AINR+
AINR-
VQ
**47
µF
+
RST
VA
V
L
+5V
1
µF
+5Vto 2.5 V
5.1
Ω
1
µF
+
+
+
SDOUT
GND
I2S/LJ
LRCK
GND
Power Down
and Mode
Settings
Audio Data
Processor
Timing Logic
and Clock
0.01
µF
0.01
µF
0.01
µF
HPF
M0
M1
REFGND
MDIV
+5 V to 3.3 V
1
µF
0.01
µF
1
µF
+
Analog
Input
Buffer
(Figure 24)
Analog
Input
Buffer
(Figure 24)
OVFL
10 k
VL
*
0.01
µF
* Resistor may only
be used if VD is
derived fromVA. If
used, do not drive any
other logic fromVD.
3.0 TYPICAL CONNECTION DIAGRAM
Figure 22. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com