Electronic Components Datasheet Search
  English  ▼

X  

CS5461 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 32Page - Cirrus Logic CS5461 Datasheet HTML 33Page - Cirrus Logic CS5461 Datasheet HTML 34Page - Cirrus Logic CS5461 Datasheet HTML 35Page - Cirrus Logic CS5461 Datasheet HTML 36Page - Cirrus Logic CS5461 Datasheet HTML 37Page - Cirrus Logic CS5461 Datasheet HTML 38Page - Cirrus Logic CS5461 Datasheet HTML 39Page - Cirrus Logic CS5461 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
CS5461
36
DS546F2
7.9 Power Offset Register
Address:
14
Default** = 0.000
This offset value is added to each power value that is computed for each voltage/current sample pair before
being accumulated in the Energy Register. This register can be used to offset contributions to the energy result
that are caused by undesirable sources of energy that are inherent in the system. This value is in two’s comple-
ment notation.
7.10 Status Register and Mask Register
Address:
15 (Status Register); 26 (Mask Register)
Default** = 0x000000 (Status Register)
0x000000 (Mask Register)
The Status Register indicates the condition of the chip. In normal operation writing a '1' to a bit will cause the bit
to go to the '0' state. Writing a '0' to a bit will maintain the status bit in its current state. With this feature the user
can simply write to the Status Register to clear the bits that have been seen, without concern of clearing any
newly set bits. Even if a status bit is masked to prevent an interrupt, the status bit will still be set in the Status
Register.
The Mask Register is used to control the activation of the INT pin. Placing a logic '1' in the Mask Register will
allow the corresponding bit in the Status Register to activate the INT pin when the status bit is asserted.
DRDY
Data Ready. When running in single or continuous conversion acquisition mode, this bit will in-
dicate the end of computation cycles. When running calibrations, this bit indicates the end of a
calibration sequence.
EOUT
Indicates that the energy limit has been reached for the EOUT Energy Accumulation Register,
and so this register will be cleared, and one pulse will be generated on the EOUT pin (if en-
abled). If EOUT is asserted, this bit will be cleared automatically just after the beginning of any
subsequent A/D conversion cycle in which no EOUT pulses need to be issued. The bit can also
be cleared by writing to the Status Register. This status bit is set with a maximum frequency of
4 kHz (when MCLK/K is 4.096 MHz). When MCLK/K is not equal to 4.096 MHz, the user should
scale the pulse-rate would be expected with MCLK/K = 4.096 MHz by a factor of 4.096 MHz /
(MCLK/K), to get the actual pulse-rate.
EDIR
Set whenever the EOUT bit is asserted as long as the energy result is negative. Reset/Clear
behavior of the EDIR status bit is similar to the EOUT status bit.
IOR
Current Out of Range. Set when the magnitude of the calibrated current value is too large or
too small to fit in the Instantaneous Current Register.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
23
22
21
20
19
18
17
16
DRDY
EOUT
EDIR
CRDY
IOR
VOR
15
14
13
12
11
10
9
8
IROR
VROR
EOOR
7
654
32
10
VOD
IOD
LSD
VSAG
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com